Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMPC8568ECVTANJGA Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza KMPC8568ECVTANJGA
Descripción Electrónicos  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8568ECVTANJGA Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  KMPC8568ECVTANJGA Datasheet HTML 1Page - Freescale Semiconductor, Inc KMPC8568ECVTANJGA Datasheet HTML 2Page - Freescale Semiconductor, Inc KMPC8568ECVTANJGA Datasheet HTML 3Page - Freescale Semiconductor, Inc KMPC8568ECVTANJGA Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC8568ECVTANJGA Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC8568ECVTANJGA Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC8568ECVTANJGA Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC8568ECVTANJGA Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC8568ECVTANJGA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
4
Freescale Semiconductor
MPC8568E Overview
— Byte-accessible ECC uses read-modify-write transaction accesses for smaller-than-cache-line
accesses.
1.2.2
e500 Coherency Module (ECM) and Address Map
The e500 coherency module (ECM) provides a mechanism for I/O-initiated transactions to snoop the bus
between the e500 core and the integrated L2 cache in order to maintain coherency across local cacheable
memory. It also provides a flexible switch-type structure for core- and I/O-initiated transactions to be
routed or dispatched to target modules on the device.
The MPC8568E supports a flexible 36-bit physical address map. Conceptually, the address map consists of
local space and external address space. The local address map is supported by eight local access windows
that define mapping within the local 36-bit (64-Gbyte) address space.
The MPC8568E can be made part of a larger system address space through the mapping of translation
windows. This functionality is included in the address translation and mapping units (ATMUs). Both
inbound and outbound translation windows are provided. The ATMUs allows the MPC8568E to be part of
larger address maps such as the PCI or PCI Express 64-bit address environment and the RapidIO
environment.
1.2.3
QUICC Engine
Integrated 8-port L2 Ethernet switch
— 8 connection ports of 10/100 Mbps MII/RMII & one CPU internal port
— Each port supports four priority levels
— Priority levels used with VLAN tags or IP TOS field to implement QoS
— QoS types of traffic, such as voice, video, and data
Includes support for the following protocols:
— ATM SAR up to 622 Mbps (OC-12) full duplex, with ATM traffic shaping (ATF TM4.1) for
up to 64K ATM connections
— ATM AAL1 structured and unstructured Circuit Emulation Service (CES 2.0)
— IMA and ATM Transmission convergence sub-layer
— ATM OAM handling features compatible with ITU-T I.610
— PPP, Multi-Link (ML-PPP), Multi-Class (MC-PPP) and PPP mux in accordance with the
following RFCs: 1661, 1662, 1990, 2686 and 3153
— IP termination support for IPv4 and IPv6 packets including TOS, TTL and header checksum
processing
— ATM (AAL2/AAL5) to Ethernet (IP) interworking
— Extensive support for ATM statistics and Ethernet RMON/MIB statistics.
— 256 channels of HDLC/Transparent or 128 channels of SS#7
Includes support for the following serial interfaces:
— Two UL2/POS-PHY interfaces with 124 Multi-PHY addresses on UTOPIA interface each or
31 Multi-PHY addresses on the POS interface each.


Número de pieza similar - KMPC8568ECVTANJGA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ80D4 FREESCALE-KMPC855TZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

Descripción similar - KMPC8568ECVTANJGA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com