Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMPC8567CVTAUJJA Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

No. de pieza KMPC8567CVTAUJJA
Descripción Electrónicos  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8567CVTAUJJA Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button KMPC8567CVTAUJJA Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC8567CVTAUJJA Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC8567CVTAUJJA Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC8567CVTAUJJA Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC8567CVTAUJJA Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC8567CVTAUJJA Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC8567CVTAUJJA Datasheet HTML 12Page - Freescale Semiconductor, Inc KMPC8567CVTAUJJA Datasheet HTML 13Page - Freescale Semiconductor, Inc KMPC8567CVTAUJJA Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
10
Freescale Semiconductor
Electrical Characteristics
1.2.15
System Performance Monitor
The performance monitor facility supports eight 32-bit counters that can count up to 512 counter-specific
events. It supports duration and quantity threshold counting and a burstiness feature that permits counting
of burst events with a programmable time between bursts.
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8568E. This device is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer
design specifications.
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings 1
Characteristic
Symbol
Max Value
Unit Notes
Core supply voltage
VDD
–0.3 to 1.21
V
PLL supply voltage
AVDD_PLAT,
AVDD_CORE,
AVDD_CE,
AVDD_PCI,
AVDD_LBIU,
AVDD_SRDS
–0.3 to 1.21
V
Core power supply for SerDes transceiver
SCOREVDD
–0.3 to 1.21
V
Pad power supply for SerDes transceiver
XVDD
–0.3 to 1.21
V
DDR and DDR2 DRAM I/O voltage
GVDD
–0.3 to 2.75
–0.3 to 1.98
V—
eTSEC1, eTSEC2 I/O Voltage
LVDD
–0.3 to 3.63
–0.3 to 2.75
V—
QE UCC1/UCC2 Ethernet Interface I/O Voltage
TVDD
–0.3 to 3.63
–0.3 to 2.75
V—
PCI, DUART, system control and power management, I2C, and JTAG
I/O voltage
OVDD
–0.3 to 3.63
V
3
Local bus I/O voltage
BVDD
–0.3 to 3.63
–0.3 to 2.75
V3


Número de pieza similar - KMPC8567CVTAUJJA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ80D4 FREESCALE-KMPC855TZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

Descripción similar - KMPC8567CVTAUJJA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com