Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRFB4310ZGPBF Datasheet(PDF) 5 Page - International Rectifier |
|
IRFB4310ZGPBF Datasheet(HTML) 5 Page - International Rectifier |
5 / 8 page IRFB4310ZGPbF www.irf.com 5 Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case Fig 14. Typical Avalanche Current vs.Pulsewidth Fig 15. Maximum Avalanche Energy vs. Temperature Notes on Repetitive Avalanche Curves , Figures 14, 15: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 16a, 16b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. ∆T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25°C in Figure 14). tav = Average time in avalanche. D = Duty cycle in avalanche = tav ·f ZthJC(D, tav) = Transient thermal resistance, see Figures 13) PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC Iav = 2 DT/ [1.3·BV·Zth] EAS (AR) = PD (ave)·tav 1E-006 1E-005 0.0001 0.001 0.01 0.1 t1 , Rectangular Pulse Duration (sec) 0.001 0.01 0.1 1 0.20 0.10 D = 0.50 0.02 0.01 0.05 SINGLE PULSE ( THERMAL RESPONSE ) Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc Ri (°C/W) τι (sec) 0.018756 0.000373 0.159425 0.000734 0.320725 0.005665 0.101282 0.115865 τJ τJ τ1 τ1 τ2 τ2 τ3 τ3 R1 R1 R2 R2 R3 R3 Ci i /Ri Ci= τi/Ri τ τC τ4 τ4 R4 R4 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 tav (sec) 0.1 1 10 100 0.05 Duty Cycle = Single Pulse 0.10 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming ∆Τ j = 25°C and Tstart = 150°C. 0.01 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming ∆Tj = 150°C and Tstart =25°C (Single Pulse) 25 50 75 100 125 150 175 Starting TJ , Junction Temperature (°C) 0 20 40 60 80 100 120 140 TOP Single Pulse BOTTOM 1% Duty Cycle ID = 75A |
Número de pieza similar - IRFB4310ZGPBF |
|
Descripción similar - IRFB4310ZGPBF |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |