Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR040-0700-27F8-10100EW Datasheet(PDF) 5 Page - Cree, Inc

No. de pieza LMR040-0700-27F8-10100EW
Descripción Electrónicos  Cree LED Module LMR4 with EasyWhite??Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

LMR040-0700-27F8-10100EW Datasheet(HTML) 5 Page - Cree, Inc

  LMR040-0700-27F8-10100EW Datasheet HTML 1Page - Cree, Inc LMR040-0700-27F8-10100EW Datasheet HTML 2Page - Cree, Inc LMR040-0700-27F8-10100EW Datasheet HTML 3Page - Cree, Inc LMR040-0700-27F8-10100EW Datasheet HTML 4Page - Cree, Inc LMR040-0700-27F8-10100EW Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
CLM-DS03-LMR4-EZW Rev 0
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com/modules
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochange
withoutnotice.Cree,theCreelogoandTrueWhiteareregisteredtrademarksandEasyWhiteisa
trademarkofCree,Inc.
Order Codes
SSSSSS-LLLL-CCCC-NNNNNNN
Luminous flux
0700 = 700 lumens nominal
CRI
8 = 80 CRI
Power supply
1 = 120 volt
2 = 230 volt
Color temp
27F = 2700 K CCT
Form factor
040 = 4-inch diameter
Series
LMR = LED Module Round
Internal code
EZ = EasyWhite


Número de pieza similar - LMR040-0700-27F8-10100EW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
522Kb / 5P
   Cree LED Module LMR4 with TrueWhite Technology
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
703Kb / 2P
   LED Module with TrueWhite Technology
LMR040-0700-27F9-20100TW CREE-LMR040-0700-27F9-20100TW Datasheet
522Kb / 5P
   Cree LED Module LMR4 with TrueWhite Technology
More results

Descripción similar - LMR040-0700-27F8-10100EW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
522Kb / 5P
   Cree LED Module LMR4 with TrueWhite Technology
LMH6 CREE-LMH6 Datasheet
772Kb / 5P
   LED Module with Cree TrueWhite Technology
LMR2 CREE-LMR2 Datasheet
513Kb / 5P
   Cree짰 LED Module LMR2 with Cree TrueWhite짰 Technology
LMH020-0850-40F9-00000TW CREE-LMH020-0850-40F9-00000TW Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
logo
Marktech Corporate
MT-G2 MARKTECH-MT-G2_15 Datasheet
87Kb / 2P
   Cree EasyWhite color temp from 2700K to 5000K
logo
Cree, Inc
CR22-32L-35K-CMA CREE-CR22-32L-35K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
LMR4 CREE-LMR4 Datasheet
703Kb / 2P
   LED Module with TrueWhite Technology
CP41A-RDS CREE-CP41A-RDS Datasheet
925Kb / 10P
   Cree P4 LED
C460UT200-0201 CREE-C460UT200-0201 Datasheet
323Kb / 5P
   Cree UltraThin LED
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com