Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD21465WBBZ3 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD21465WBBZ3
Descripción Electrónicos  SHARC Processor material that is subject to change without notice
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD21465WBBZ3 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD21465WBBZ3 Datasheet HTML 4Page - Analog Devices AD21465WBBZ3 Datasheet HTML 5Page - Analog Devices AD21465WBBZ3 Datasheet HTML 6Page - Analog Devices AD21465WBBZ3 Datasheet HTML 7Page - Analog Devices AD21465WBBZ3 Datasheet HTML 8Page - Analog Devices AD21465WBBZ3 Datasheet HTML 9Page - Analog Devices AD21465WBBZ3 Datasheet HTML 10Page - Analog Devices AD21465WBBZ3 Datasheet HTML 11Page - Analog Devices AD21465WBBZ3 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Rev. PrA
|
Page 8 of 60
|
November 2008
ADSP-21462W/ADSP-21465W/ADSP-21467
Preliminary Technical Data
Note that the external memory bank addresses shown are for
normal-word (32-bit) accesses. If 48-bit instructions as well as
32-bit data are both placed in the same external memory bank,
care must be taken while mapping them to avoid overlap. In
case of 32-bit wide external memory, two 48-bit instructions
will be stored in three 32-bit wide memory locations. For exam-
ple, if 2k instructions are placed in 32-bit wide external memory
starting at the bank 0 normal-word base address 0x0030 0000
(corresponding to instruction address 0x0020 0000) and ending
at address 0x0030 0BFF (corresponding to instruction address
0x0020 07FF), then data buffers can be placed starting at an
address that is offset by 3k 32-bit words (for example, starting at
0x0030 0C00).
Asynchronous Memory Controller
The asynchronous memory controller provides a configurable
interface for up to four separate banks of memory or I/O
devices. Each bank can be independently programmed with dif-
ferent timing parameters, enabling connection to a wide variety
of memory devices including SRAM, flash, and EPROM, as well
as I/O devices that interface with standard memory control
lines. Bank 0 occupies a 14M word window and banks 1, 2, and
3 occupy a 16M word window in the processor’s address space
but, if not fully populated, these windows are not made contigu-
ous by the memory controller logic.
The asynchronous memory controller is capable of a maximum
throughput of TBD Mbps using a TBD MHz external bus speed.
Other features include 8 to 32-bit packing and unpacking, boot-
ing from bank select 1, and support for delay line DMA.
Shared External Memory
The ADSP-21462W/ADSP-21465W/ADSP-21467 processor
supports connecting to common shared external DDR2 mem-
ory with other ADSP-2146x processors to create shared external
bus processor systems. This support includes:
• Distributed, on-chip arbitration for the shared external bus
• Fixed and rotating priority bus arbitration
• Bus time-out logic
• Bus lock
Multiple processors can share the external bus with no addi-
tional arbitration logic. Arbitration logic is included on-chip to
allow the connection of up to TBD processors.
Bus arbitration is accomplished through the BR6-1 signals and
the priority scheme for bus arbitration is determined by the set-
ting of the RPBA pin. Table 6 on Page 13 provides descriptions
of the pins used in multiprocessor systems.
INPUT/OUTPUT FEATURES
The ADSP-21462W and ADSP-21465W I/O processors provide
67 channels of DMA, while ADSP-21467 I/O processors pro-
vide 36 channels of DMA as well as an extensive set of
peripherals. These include a 20 lead digital applications inter-
face, which controls:
• Eight serial ports
• S/PDIF receiver/transmitter
• Four precision clock generators
• Input data port/parallel data acquisition port
• Four asynchronous sample rate converters
The ADSP-21462W/ADSP-21465W/ADSP-21467 processor
also contains a 14 lead digital peripheral interface, which
controls:
• Two general-purpose timers
• Two serial peripheral interfaces
• One universal asynchronous receiver/transmitter (UART)
•An I2C®-compatible 2-wire interface
• Two PCGs (C and D) can also be routed through DPI
DMA Controller
The processor’s on-chip DMA controller allows data transfers
without processor intervention. The DMA controller operates
independently and invisibly to the processor core, allowing
DMA operations to occur while the core is simultaneously exe-
cuting its program instructions. DMA transfers can occur
between the ADSP-21462W/ADSP-21465W/ADSP-21467’s
internal memory and its serial ports, the SPI-compatible (serial
peripheral interface) ports, the IDP (input data port), the paral-
lel data acquisition port (PDAP) or the UART.
Sixty-seven channels of DMA are available on the
ADSP-21462W and ADSP-21465W devices, and thirty-six
channels on the ADSP-21467. The breakdown is as follows: 16
via the serial ports, eight via the input data port, two for the
Table 5. External Memory for DDR2 DRAM Addresses
Bank
Size in
Words
Address Range
Bank 0
62M
0x0020 0000 – 0x03FF FFFF
Bank 1
64M
0x0400 0000 – 0x07FF FFFF
Bank 2
64M
0x0800 0000 – 0x0BFF FFFF
Bank 3
64M
0x0C00 0000 – 0x0FFF FFFF
Table 4. External Memory for Non DDR2 DRAM Addresses
Bank
Size in
Words
Address Range
Bank 0
14M
0x0020 0000 – 0x00FF FFFF
Bank 1
16M
0x0400 0000 – 0x04FF FFFF
Bank 2
16M
0x0800 0000 – 0x08FF FFFF
Bank 3
16M
0x0C00 0000 – 0x0CFF FFFF


Número de pieza similar - AD21465WBBZ3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vanlong Technology Co.,...
AD2140F60DCA VANLONG-AD2140F60DCA Datasheet
48Kb / 1P
   Small and light size
AD2140F60HCA VANLONG-AD2140F60HCA Datasheet
48Kb / 1P
   Small and light size
logo
Analog Devices
AD21477WYCPZ1XX AD-AD21477WYCPZ1XX Datasheet
1Mb / 76P
   SHARC Processor
REV. B
AD21477WYSWZ1AXX AD-AD21477WYSWZ1AXX Datasheet
1Mb / 76P
   SHARC Processor
REV. B
AD21478WYCPZ1XX AD-AD21478WYCPZ1XX Datasheet
1Mb / 76P
   SHARC Processor
REV. B
More results

Descripción similar - AD21465WBBZ3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-21469 AD-ADSP-21469 Datasheet
1Mb / 56P
   SHARC Processor material that is subject to change without notice
Rev. PrB
logo
Japan Display Inc.
LPM013M091A DATAMODUL-LPM013M091A Datasheet
3Mb / 50P
   This specification is subject to change without prior notice
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com