Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1001 Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza SI1001
Descripción Electrónicos  Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Download  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1001 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI1001 Datasheet HTML 3Page - Silicon Laboratories SI1001 Datasheet HTML 4Page - Silicon Laboratories SI1001 Datasheet HTML 5Page - Silicon Laboratories SI1001 Datasheet HTML 6Page - Silicon Laboratories SI1001 Datasheet HTML 7Page - Silicon Laboratories SI1001 Datasheet HTML 8Page - Silicon Laboratories SI1001 Datasheet HTML 9Page - Silicon Laboratories SI1001 Datasheet HTML 10Page - Silicon Laboratories SI1001 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 376 page
background image
Rev. 1.0
7
Si1000/1/2/3/4/5
List of Registers
SFR Definition 5.1. ADC0CN: ADC0 Control ................................................................ 81
SFR Definition 5.2. ADC0CF: ADC0 Configuration ...................................................... 82
SFR Definition 5.3. ADC0AC: ADC0 Accumulator Configuration ................................. 83
SFR Definition 5.4. ADC0PWR: ADC0 Burst Mode Power-Up Time ............................ 84
SFR Definition 5.5. ADC0TK: ADC0 Burst Mode Track Time ....................................... 85
SFR Definition 5.6. ADC0H: ADC0 Data Word High Byte ............................................ 86
SFR Definition 5.7. ADC0L: ADC0 Data Word Low Byte .............................................. 86
SFR Definition 5.8. ADC0GTH: ADC0 Greater-Than High Byte ................................... 87
SFR Definition 5.9. ADC0GTL: ADC0 Greater-Than Low Byte .................................... 87
SFR Definition 5.10. ADC0LTH: ADC0 Less-Than High Byte ...................................... 88
SFR Definition 5.11. ADC0LTL: ADC0 Less-Than Low Byte ........................................ 88
SFR Definition 5.12. ADC0MX: ADC0 Input Channel Select ........................................ 91
SFR Definition 5.13. TOFFH: ADC0 Data Word High Byte .......................................... 94
SFR Definition 5.14. TOFFL: ADC0 Data Word Low Byte ............................................ 94
SFR Definition 5.15. REF0CN: Voltage Reference Control .......................................... 97
SFR Definition 6.1. IREF0CN: Current Reference Control ........................................... 98
SFR Definition 7.1. CPT0CN: Comparator 0 Control .................................................. 102
SFR Definition 7.2. CPT0MD: Comparator 0 Mode Selection .................................... 103
SFR Definition 7.3. CPT1CN: Comparator 1 Control .................................................. 104
SFR Definition 7.4. CPT1MD: Comparator 1 Mode Selection .................................... 105
SFR Definition 7.5. CPT0MX: Comparator0 Input Channel Select ............................. 107
SFR Definition 7.6. CPT1MX: Comparator1 Input Channel Select ............................. 108
SFR Definition 8.1. DPL: Data Pointer Low Byte ........................................................ 115
SFR Definition 8.2. DPH: Data Pointer High Byte ....................................................... 115
SFR Definition 8.3. SP: Stack Pointer ......................................................................... 116
SFR Definition 8.4. ACC: Accumulator ....................................................................... 116
SFR Definition 8.5. B: B Register ................................................................................ 116
SFR Definition 8.6. PSW: Program Status Word ........................................................ 117
SFR Definition 10.1. EMI0CN: External Memory Interface Control ............................ 122
SFR Definition 11.1. SFRPage: SFR Page ................................................................. 125
SFR Definition 12.1. IE: Interrupt Enable .................................................................... 133
SFR Definition 12.2. IP: Interrupt Priority .................................................................... 134
SFR Definition 12.3. EIE1: Extended Interrupt Enable 1 ............................................ 135
SFR Definition 12.4. EIP1: Extended Interrupt Priority 1 ............................................ 136
SFR Definition 12.5. EIE2: Extended Interrupt Enable 2 ............................................ 137
SFR Definition 12.6. EIP2: Extended Interrupt Priority 2 ............................................ 138
SFR Definition 12.7. IT01CF: INT0/INT1 Configuration .............................................. 140
SFR Definition 13.1. PSCTL: Program Store R/W Control ......................................... 148
SFR Definition 13.2. FLKEY: Flash Lock and Key ...................................................... 149
SFR Definition 13.3. FLSCL: Flash Scale ................................................................... 150
SFR Definition 13.4. FLWR: Flash Write Only ............................................................ 150
SFR Definition 14.1. PMU0CF: Power Management Unit Configuration1,2 ................ 156
SFR Definition 14.2. PCON: Power Management Control Register ........................... 157
SFR Definition 15.1. CRC0CN: CRC0 Control ........................................................... 161


Número de pieza similar - SI1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI1001 ETC2-SI1001 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si1001-E-GM SILABS-Si1001-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1001-E-GM2 SILABS-Si1001-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Descripción similar - SI1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F047 SILABS-C8051F047 Datasheet
410Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F010 SILABS-C8051F010 Datasheet
171Kb / 2P
   20 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F133 SILABS-C8051F133 Datasheet
178Kb / 2P
   100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F023 SILABS-C8051F023 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
logo
STMicroelectronics
STM32L051X6 STMICROELECTRONICS-STM32L051X6_V01 Datasheet
1Mb / 133P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com