Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDH25D09HF-6R8MC Datasheet(PDF) 3 Page - Sumida Corporation |
|
CDH25D09HF-6R8MC Datasheet(HTML) 3 Page - Sumida Corporation |
3 / 3 page 3 ■ ■ ■ ■ Electrical Characteristics specification. ※1、Saturation Current: This indicates the value of D.C. current when the inductance decreases to 70% of its nominal value. ※2、Temperature Rise Current: The actual current when temperature of coil becomes △T=40℃.(Ta=20℃) California Chicago Tel.+1-408-321-9660 FAX. +1-408-321-9308 Tel.+1-847-545-6700 FAX. +1-847-545-6720 Taipei Shenzhen Shanghai Hong Kong Tel.+60-3-8733-0900 FAX.+60-3-8737-7384 Tel.+65-6296-3388 FAX.+65-6296-3390 Tel.+82-2-6237-0777 FAX.+82-2-6237-0778 Tel.+81-3-5202-7112 FAX.+81-3-5202-7105 Malaysia Singapore Seoul Tokyo For More Information Tel.+886-2-27065228 FAX.+886-2-27065229 Tel.+86-755-82910228 FAX.+86-755-82910338 Tel.+86-021-58363299 FAX.+86-021-58363266 Tel.+852-2880-6688 FAX.+852-2565-9600 Power Inductor CDH25D09,CDH25D11 ◆ ◆ ◆ ◆ CDH25D11 0.48(0.55) 0.82(1.02) 0.730(0.584) 6.8 ±20% CDH25D11HF-6R8MC 0.68(0.85) 0.98(1.22) 1.14(1.42) 1.39(1.74) 1.78(2.23) 2.20(2.75) 3.05(3.81) Saturation Current (A) ※1 0.44(0.52) 0.983(0.786) 10.0 ±20% CDH25D11HF-100MC 0.60(0.67) 0.468(0.374) 4.7 ±20% CDH25D11HF-4R7MC 0.80(0.89) 0.301(0.241) 3.3 ±20% CDH25D11HF-3R3MC 1.02(1.15) 0.195(0.156) 2.2 ±20% CDH25D11HF-2R2MC 1.15(1.30) 0.165(0.132) 1.5 ±30% CDH25D11HF-1R5NC 1.40(1.58) 0.108(86.4m) 1.0 ±30% CDH25D11HF-1R0NC 1.80(2.00) 68.9m(55.1m) 0.47 ±30% CDH25D11HF-R47NC Temperature Rise Current (A) ※2 D.C.R. Max.(Typ.) ( Ω) Inductance ( H) at 1MHz Sumida P/N |
Número de pieza similar - CDH25D09HF-6R8MC |
|
Descripción similar - CDH25D09HF-6R8MC |