Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW114 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza FW114
Descripción Electrónicos  S/W Load Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW114 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FW114 Datasheet HTML 1Page - Sanyo Semicon Device FW114 Datasheet HTML 2Page - Sanyo Semicon Device FW114 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FW114
PS No.5848-3/3
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of May, 1998. Specifications and information herein are subject to
change without notice.
Ciss,Coss,Crss - VDS
VGS - Qg
f=1MHz
Ciss
Crss
Coss
VDS=–10V
ID=–3A
10
2
3
5
7
100
2
3
5
7
1000
2
3
5
7
10000
0-4
-2
-6
-8
-10
-14
-12
-16
-18
-20
0
-1
-2
-3
-4
-5
-10
-9
-8
-7
-6
0
2
4
6
8
10
12
14
24
16
18
20
22
Drain-to-Source Voltage,VDS –V
Total Gate Charge, Qg – nC
Total
Dissipation
1 unit
Mountes in ceramic board(1200mm2
×0.8mm)
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
Mounted on ceramic board (1200mm2
×0.8mm)
M
ounted
on
ceram
ic
board
(1200mm
×0.
8mm)
2
Drain Current, ID –A
Allowable Dissipation, PD(FET 1) – W
Ambient Temperature, Ta – ˚C
Drain -to-Source Voltage, VDS -V
VDD=–10V
VGS=–4V
t r
t f
td(off)
t d(on)
1m
10ms
100
µs
100ms
10
µs
IDP=–32A
I D=–3A
Operation in this area is
limited by RDS(on).
Ta=25˚C
1pulse
1unit
0
0.2
0.2
0.4
0.6
0.8
1.0
2.0
1.6
1.8
1.4
1.2
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
SW Time - I D
P D(FET2) - P D(FET1)
P D -
Ta
A S O
020
0.5
1.0
2.5
2.0
1.7
1.5
0
40
60
80
100
120
140
160
2
3
5
7
-0.1
1.0
10
2
3
5
7
100
2
3
5
7
1000
23
5
7
7
-1.0
23
5
7
-10
2
2
3
3
5
5
7
7
-0.01
-0.1
-0.01
-0.1
23
5 7
2 3
5
2
3
7
-1.0
-10
2
3
5
7
-1.0
2
3
5
7
2
3
5
7
-10
-100
DC
operation


Número de pieza similar - FW114

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FW111 SANYO-FW111 Datasheet
45Kb / 4P
   Load S/W Applications
FW113 SANYO-FW113 Datasheet
46Kb / 3P
   S/W Load Applications
FW115 SANYO-FW115 Datasheet
46Kb / 3P
   S/W Load Applications
More results

Descripción similar - FW114

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FW115 SANYO-FW115 Datasheet
46Kb / 3P
   S/W Load Applications
FW111 SANYO-FW111 Datasheet
45Kb / 4P
   Load S/W Applications
FSS101 SANYO-FSS101 Datasheet
116Kb / 4P
   Load S/W Applications
FW113 SANYO-FW113 Datasheet
46Kb / 3P
   S/W Load Applications
FTD2012 SANYO-FTD2012 Datasheet
10Kb / 1P
   N- Channel Silicon MOS FET Load S/W USE
logo
Guangdong Kexin Industr...
KTS1012 KEXIN-KTS1012 Datasheet
48Kb / 2P
   Load Switching Applications
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU_07 Datasheet
182Kb / 8P
   Load Switch Applications
SSM3K15AFS TOSHIBA-SSM3K15AFS Datasheet
212Kb / 5P
   Load Switching Applications
logo
Sanyo Semicon Device
2SJ520 SANYO-2SJ520 Datasheet
44Kb / 4P
   Load Switching Applications
FTD2011 SANYO-FTD2011 Datasheet
69Kb / 4P
   Load Switching Applications
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com