Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28230FUZ Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL28230FUZ
Descripción Electrónicos  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28230FUZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28230FUZ Datasheet HTML 1Page - Intersil Corporation ISL28230FUZ Datasheet HTML 2Page - Intersil Corporation ISL28230FUZ Datasheet HTML 3Page - Intersil Corporation ISL28230FUZ Datasheet HTML 4Page - Intersil Corporation ISL28230FUZ Datasheet HTML 5Page - Intersil Corporation ISL28230FUZ Datasheet HTML 6Page - Intersil Corporation ISL28230FUZ Datasheet HTML 7Page - Intersil Corporation ISL28230FUZ Datasheet HTML 8Page - Intersil Corporation ISL28230FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2010. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Single, Dual, and Quad Micropower, Low Drift, RRIO
Operational Amplifiers
ISL28130, ISL28230, ISL28430
The ISL28130, ISL28230 and ISL28430 are single, dual and
quad micropower, low offset drift operational amplifiers that are
optimized for single and dual supply operation from 1.65V to
5.5V and ±0.825V to ±2.75V. Their low supply current of 20µA
and rail-to-rail input range enable the ISL28130, ISL28230,
ISL28430 to be an excellent general purpose op amp for a range
of applications. The ISL28130, ISL28230 and ISL28430 are
ideal for handheld devices that operate off 2 AA or single Li-ion
batteries.
The ISL28130 is available in industry standard pinouts for 5 Ld
SOT-23, 5 Ld SC70 and 8 Ld SOIC packages. The ISL28230 is
available in industry standard pinouts for 8 Ld MSOP, 8Ld SOIC
and 8 Ld DFN packages. The ISL28430 is available in 14 Ld
TSSOP and 14 Ld SOIC packages. All devices operate over the
temperature range of -40°C to +125°C.
Features
• Low Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . 40µV, Max.
• Low Offset Drift . . . . . . . . . . . . . . . . . . . . . . . . 150nV/°C, Max
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . 250 pA, Max.
• Quiescent Current (Per Amplifier) . . . . . . . . . . . . . .20µA, Typ.
• Single Supply Range . . . . . . . . . . . . . . . . . . . +1.65V to +5.5V
• Dual Supply Range. . . . . . . . . . . . . . . . . . . ±0.825V to ±2.75V
• Low Noise (0.01Hz to 10Hz) . . . . . . . . . . . . . . . . . 1.1µVP-P, Typ.
• Rail-to-Rail Inputs and Output
Applications
• Bi-Directional Current Sense
• Temperature Measurement
•Medical Equipment
• Electronic Weigh Scales
• Precision/Strain Gauge Sensor
• Precision Regulation
•Low Ohmic Current Sense
• High Gain Analog Front Ends
BI-DIRECTIONAL CURRENT SENSE AMPLIFIER
I-SENSE+
0.1
4.99k
4.99k
499k
499k
+
-
V+
V-
GND
VSENSE
OUT
VREF
V+
+1.65V TO +5.5V
I-SENSE-
FIGURE 1. TYPICAL APPLICATION DIAGRAM
TEMPERATURE (°C)
0
100
200
300
400
-50
-25
0
25
50
75
100
125
-100
VS = ±2.5V
VS = ±0.825V
FIGURE 2. IB vs TEMPERATURE
December 16, 2010
FN7623.1


Número de pieza similar - ISL28230FUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28230FUZ INTERSIL-ISL28230FUZ Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28230FUZ RENESAS-ISL28230FUZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

Descripción similar - ISL28230FUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com