Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL28433 Datasheet(PDF) 5 Page - Intersil Corporation |
|
ISL28433 Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 25 page ISL28233, ISL28433 5 FN7692.2 December 15, 2010 Absolute Maximum Ratings Thermal Information Max Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . (V- - 0.3V) to (V+ + 0.3V)V Max Input Differential Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V Max Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±3.0V ESD Tolerance Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . 4000V Machine Model (Tested per JESD22-A115B) . . . . . . . . . . . . . . . . . . 400V Charged Device Model (Tested per JESD22-C110D) . . . . . . . . . . . 2000V Latch-Up (Tested per JESD78B) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 14 Ld TSSOP (Notes 4, 7) . . . . . . . . . . . . . . 110 40 14 Ld SOIC (Notes 4, 7) . . . . . . . . . . . . . . . . 75 47 14 Ld TDFN (Notes 5, 6) . . . . . . . . . . . . . . . TBD TBD 8 Ld MSOP (Notes 4, 7) . . . . . . . . . . . . . . . . 180 65 8 Ld SOIC (Notes 4, 7) . . . . . . . . . . . . . . . . . 125 90 8 Ld DFN (Notes 5, 6). . . . . . . . . . . . . . . . . . 53 12 Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 5. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 6. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. 7. For θJC, the “case temp” location is taken at the package top center. Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = 10kΩ, unless otherwise specified. Boldface limits apply over the operating temperature range,-40°C to +125°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNIT DC SPECIFICATIONS VOS Input Offset Voltage -6 ±2 6 µV T = -40°C to +125°C -11 - 11 µV TCVOS Input Offset Voltage Temperature Coefficient T = -40°C to +125°C -0.05 0.01 0.05 µV/°C IOS Input Offset Current -10 - pA TCIOS Input Offset Current Temperature Coefficient T = -40°C to +85°C - 0.11 - pA/°C IB Input Bias Current T = -40°C to +85°C -180 - 180 pA T = -40°C to +125°C -600 - 600 pA TCIB Input Bias Current Temperature Coefficient T = -40°C to +85°C - 0.49 - pA/°C CMIR V+ = 5.0V, V- = 0V Guaranteed by CMRR -0.1 - 5.1 V CMRR Common Mode Rejection Ratio VCM = -0.1V to 5.1V 118 125 - dB 115 -- dB PSRR Power Supply Rejection Ratio Vs = 1.65V to 6.0V 110 138 - dB 110 -- dB VOH Output Voltage, High 4.965 4.981 - V VOL Output Voltage, Low -18 35 mV AOL Open Loop Gain RL = 1MΩ -174 - dB V+ Supply Voltage Guaranteed by PSRR 1.65 - 6.0 V IS Supply Current, Per Amplifier RL = OPEN - 18 25 µA -- 35 µA |
Número de pieza similar - ISL28433 |
|
Descripción similar - ISL28433 |