Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW211 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza FW211
Descripción Electrónicos  DC-DC Converter Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW211 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FW211 Datasheet HTML 1Page - Sanyo Semicon Device FW211 Datasheet HTML 2Page - Sanyo Semicon Device FW211 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FW211
PS No.5579-3/3
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of June, 1998. Specifications and information herein are subject to
change without notice.
2
3
5
7
100
1000
2
3
5
7
10000
0
2468
10
12
14
16
18
20
0
1
2
3
4
5
10
9
8
7
6
0
5
1015202530
Ciss,Coss,Crss - VDS
VGS - Qg
f = 1MHz
Ciss
Crss
Coss
VDS=10V
ID=1A
Drain-to-Source Voltage,VDS – V
Total Gate Charge, Qg – nC
2
3
5
7
0.1
10
100
2
3
5
7
1000
23
5
7
7
1.0
23
5
7 10
2
Total
Dissipation
2
2
3
3
5
5
5
7
7
7
0.1
1.0
1.0
23
23
57
10
2
3
5
7
10
2
3
5
7
100
0
0.2
0.2
0.4
0.6
0.8
1.0
2.0
1.6
1.8
1.4
1.2
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
020
0.5
1.0
2.5
2.0
1.7
1.5
0
40
60
80
100
120
140
160
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
1 unit
Drain Current, ID –A
SW Time - I D
Allowable Power Disipation, PD (FET 1) – W
P D(FET2) - P D(FET1)
P D -
Ta
Ambient Temperature, Ta – ˚C
A S O
Drain-to-Source Voltage, VDS –V
VDD=10V
VGS=4V
t f
td(off)
t d(on)
Ta= 25˚C
1pulse
1unit
1ms
10ms
100
µs
100ms
10
µs
DC
operation
Operation in this
area is limited
by RDS(on).
IDP=52A
I D=6A
Mounted ceramic board (1000mm2
× 0.8mm)
Mounted ceramic board (1000mm2
× 0.8mm)
Mounted
ceramic
board
(1000mm
2×
0.8mm)


Número de pieza similar - FW211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
FW21154AE INTEL-FW21154AE Datasheet
345Kb / 36P
   PCI-to-PCI Bridge
More results

Descripción similar - FW211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com