Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL12022 Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL12022
Descripción Electrónicos  Real Time Clock with On Chip 짹5ppm Temp Compensation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL12022 Datasheet HTML 3Page - Intersil Corporation ISL12022 Datasheet HTML 4Page - Intersil Corporation ISL12022 Datasheet HTML 5Page - Intersil Corporation ISL12022 Datasheet HTML 6Page - Intersil Corporation ISL12022 Datasheet HTML 7Page - Intersil Corporation ISL12022 Datasheet HTML 8Page - Intersil Corporation ISL12022 Datasheet HTML 9Page - Intersil Corporation ISL12022 Datasheet HTML 10Page - Intersil Corporation ISL12022 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
FN6659.2
June 23, 2009
Typical Performance Curves Temperature is +25°C unless otherwise specified.
FIGURE 2. IBAT vs VBAT
FIGURE 3. IBAT vs TEMPERATURE
FIGURE 4. IDD1 vs TEMPERATURE
FIGURE 5. IDD1 vs VDD
FIGURE 6. FOUT vs IDD
FIGURE 7. IDD vs TEMPERATURE, 3 DIFFERENT FOUT
800
850
900
950
1000
1050
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VBAT VOLTAGE (V)
600
800
1000
1200
1400
1600
-40
-20
0
2040
6080
TEMPERATURE (°C)
VBAT = 1.8V
VBAT = 3.0V
VBAT = 5.5V
2
3
4
5
6
-40
-20
0
204060
80
TEMPERATURE (°C)
VBAT = 2.7V
VDD = 3.3V
VBAT = 5.5V
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
2.73.2
3.74.2
4.75.2
VDD (V)
2
3
4
5
6
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY OUTPUT (Hz)
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40
-20
0
20
406080
TEMPERATURE (°C)
FOUT = 32kHz
FOUT = 1Hz and 64Hz
ISL12022


Número de pieza similar - ISL12022

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022 INTERSIL-ISL12022 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
ISL12022IBZ RENESAS-ISL12022IBZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results

Descripción similar - ISL12022

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12021 INTERSIL-ISL12021 Datasheet
311Kb / 24P
   Real Time Clock with On Chip Temp Compensation 짹5ppm
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com