Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL12022IBZ Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL12022IBZ
Descripción Electrónicos  Real Time Clock with On Chip 짹5ppm Temp Compensation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022IBZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL12022IBZ Datasheet HTML 1Page - Intersil Corporation ISL12022IBZ Datasheet HTML 2Page - Intersil Corporation ISL12022IBZ Datasheet HTML 3Page - Intersil Corporation ISL12022IBZ Datasheet HTML 4Page - Intersil Corporation ISL12022IBZ Datasheet HTML 5Page - Intersil Corporation ISL12022IBZ Datasheet HTML 6Page - Intersil Corporation ISL12022IBZ Datasheet HTML 7Page - Intersil Corporation ISL12022IBZ Datasheet HTML 8Page - Intersil Corporation ISL12022IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
FN6659.2
June 23, 2009
Power-Down Timing
Test Conditions: VDD = +2.7 to +5.5V, TA = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
(Note 5)
MAX
(Note 9)
UNITS
NOTES
VDD SR-
VDD Negative Slew rate
10
V/ms
6
I2C Interface Specifications
Test Conditions: VDD = +2.7 to +5.5V, TA = -40°C to +85°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 9)
TYP
(Note 5)
MAX
(Note 9)
UNITS
NOTES
VIL
SDA and SCL Input Buffer LOW
Voltage
-0.3
0.3 x VDD
V
VIH
SDA and SCL Input Buffer HIGH
Voltage
0.7 x VDD
VDD + 0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
0.05 x VDD
V7, 8
VOL
SDA Output Buffer LOW Voltage,
Sinking 3mA
VDD = 5V, IOL = 3mA
0
0.02
0.4
V
CPIN
SDA and SCL Pin Capacitance
TA = +25°C, f = 1MHz,
VDD = 5V, VIN =0V,
VOUT = 0V
10
pF
7, 8
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the
max spec is suppressed.
50
ns
tAA
SCL Falling Edge To SDA Output
Data Valid
SCL falling edge crossing
30% of VDD, until SDA exits
the 30% to 70% of VDD
window.
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VDD
during a STOP condition, to
SDA crossing 70% of VDD
during the following START
condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD
crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD
crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA
falling edge. Both crossing
70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge
crossing 30% of VDD to SCL
falling edge crossing 70% of
VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to
70% of VDD window, to SCL
rising edge crossing 30% of
VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge
crossing 30% of VDD to SDA
entering the 30% to 70% of
VDD window.
0
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge
crossing 70% of VDD, to SDA
rising edge crossing 30% of
VDD.
600
ns
ISL12022


Número de pieza similar - ISL12022IBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL12022IBZ RENESAS-ISL12022IBZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022IBZ RENESAS-ISL12022IBZ Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
ISL12022IBZ-T RENESAS-ISL12022IBZ-T Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
ISL12022IBZ-T7A RENESAS-ISL12022IBZ-T7A Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
More results

Descripción similar - ISL12022IBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12021 INTERSIL-ISL12021 Datasheet
311Kb / 24P
   Real Time Clock with On Chip Temp Compensation 짹5ppm
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com