Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FM1106-GATR Datasheet(PDF) 5 Page - Ramtron International Corporation |
|
FM1106-GATR Datasheet(HTML) 5 Page - Ramtron International Corporation |
5 / 8 page FM1106 - Automotive Temp. Rev. 3.0 Apr. 2009 Page 5 of 8 AC Parameters (TA = -40° C to +125° C, VDD = 2.7V to 3.6V, CL = 30 pF unless otherwise specified) Symbol Parameter Min Max Units Notes fMAX Maximum Clock Frequency - 900 kHz tLOW CLK Low Period 0.3 - µs tHIGH CLK High Period 0.3 - µs tPD Propagation delay CLK to QN - 50 ns tHZ EN Low to QN Hi-Z - 25 ns 1 tR Input Rise Time - 100 ns 1 tF Input Fall Time - 100 ns 1 tDS Data (DN) Setup Time to CLK ↑ 5 - ns tDH Data (DN) Hold Time after CLK ↑ 10 - ns tEHD EN Hold Time (EN High after CLK ↑) 50 - ns tEH EN High Time 5 - µs tEL EN Low Time 2 - µs Notes 1. This parameter is characterized but not tested. Power Cycling and Data Retention (TA = -40° C to +125° C, VDD = 2.7V to 3.6V, unless otherwise specified) Symbol Parameter Min Max Units Notes Nonvolatile Data Retention Time 45 - years tVDR VDD Rise Time 25 - µs/V 1 tVDF VDD Fall Time 50 - µs/V 1 tRES EN High to QN Restore Time - 0.5 µs 2 tPDS EN Low to Power Down Time 1 - µs tEHFC EN High to First Clock (CLK ↑) after Power Up 4 - µs 3 Notes 1. Slope measured at any point on VDD waveform. 2. After power up, when EN goes high the nonvolatile latches are read and the values restored to the outputs QN. 3. After power up, this is the minimum time required before a state change operation may occur. EN and VDD may be coincident at power up, and in this case tEHFC time is referenced to VDD (min) and CLK ↑. Data Retention (VDD = 3.0V to 3.6V) Parameter Min Max Units Notes Data Retention @ TA = 85°C @ TA = 125°C 45 9000 - - Years Hours Note : The device is guaranteed to retain data after both conditions have been applied : (1) 45 yrs at a temperature of 85 °C and (2) 9000 hrs at 125°C. Typical Grade 1 Operating Profile 0 200 400 600 800 1000 1200 1400 1600 70 75 80 85 90 95 100 105 110 115 120 125 Temperature (°C) Typical Grade 1 Storage Profile 0 5000 10000 15000 20000 25000 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 Temperature (°C) |
Número de pieza similar - FM1106-GATR |
|
Descripción similar - FM1106-GATR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |