Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HCT157PW Datasheet(PDF) 5 Page - NXP Semiconductors |
|
74HCT157PW Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 18 page 74HC_HCT157 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 3 — 31 December 2010 5 of 18 NXP Semiconductors 74HC157; 74HCT157 Quad 2-input multiplexer [3] Ptot derates linearly with 4.5 mW/K above 60 C. 8. Recommended operating conditions 9. Static characteristics Table 5. Recommended operating conditions Voltages are referenced to GND (ground = 0 V) Symbol Parameter Conditions 74HC157 74HCT157 Unit Min Typ Max Min Typ Max VCC supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 V VI input voltage 0 - VCC 0- VCC V VO output voltage 0 - VCC 0- VCC V Tamb ambient temperature 40 +25 +125 40 +25 +125 C t/V input transition rise and fall rate VCC = 2.0 V - - 625 - - - ns/V VCC = 4.5 V - 1.67 139 - 1.67 139 ns/V VCC = 6.0 V --83 - --ns/V Table 6. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Tamb = 25 C Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit Min Typ Max Min Max Min Max 74HC157 VIH HIGH-level input voltage VCC = 2.0 V 1.5 1.2 - 1.5 - 1.5 - V VCC = 4.5 V 3.15 2.4 - 3.15 - 3.15 - V VCC = 6.0 V 4.2 3.2 - 4.2 - 4.2 - V VIL LOW-level input voltage VCC = 2.0 V - 0.8 0.5 - 0.5 - 0.5 V VCC = 4.5 V - 2.1 1.35 - 1.35 - 1.35 V VCC = 6.0 V - 2.8 1.8 - 1.8 - 1.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = 20 A; VCC = 2.0 V 1.9 2.0 - 1.9 - 1.9 - V IO = 20 A; VCC = 4.5 V 4.4 4.5 - 4.4 - 4.4 - V IO = 20 A; VCC = 6.0 V 5.9 6.0 - 5.9 - 5.9 - V IO = 4.0 mA; VCC = 4.5 V 3.98 4.32 - 3.84 - 3.7 - V IO = 5.2 mA; VCC = 6.0 V 5.48 5.81 - 5.34 - 5.2 - V VOL LOW-level output voltage VI =VIH or VIL IO =20 A; VCC = 2.0 V - 0 0.1 - 0.1 - 0.1 V IO =20 A; VCC = 4.5 V - 0 0.1 - 0.1 - 0.1 V IO =20 A; VCC = 6.0 V - 0 0.1 - 0.1 - 0.1 V IO = 4.0 mA; VCC = 4.5 V - 0.15 0.26 - 0.33 - 0.4 V IO = 5.2 mA; VCC = 6.0 V - 0.16 0.26 - 0.33 - 0.4 V II input leakage current VI =VCC or GND; VCC =6.0 V -- 0.1 - 1.0 - 1.0 A |
Número de pieza similar - 74HCT157PW |
|
Descripción similar - 74HCT157PW |