Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3375 Datasheet(PDF) 1 Page - Advanced Semiconductor

No. de pieza 2N3375
Descripción Electrónicos  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASI [Advanced Semiconductor]
Página de inicio  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2N3375 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2N3375 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 200 mA
40
V
BVCEX
VBE = -1.5 V
IC = 100 mA
65
V
BVCBO
IC = 500
µA65
V
ICEO
VCE = 30 V
100
µµµµA
IEBO
VEB = 4.0 V
100
µµµµA
hFE
VCE = 5.0 V
IC = 250 mA
10
---
VCE(SAT)
IC = 500 mA
IB = 100 mA
1.0
V
Cob
VCB = 30 V
f = 1.0 MHz
10
pF
ft
VCE = 28 V
IC = 150 mA
f = 100 MHz
500
MHz
Pout
GP
ηηηη
VCE = 28 V
Pin = 1.0 W
f = 400 MHz
3.0
4.8
40
W
dB
%
NPN SILICON RF POWER TRANSISTOR
2N3375
DESCRIPTION:
The
ASI 2N3375 is Designed for
Class A,B,C Amplifier,Oscillator and
Driver Applications Covering the
VHF-UHF Region.
FEATURES INCLUDE:
• Isolated Package
MAXIMUM RATINGS
IC
1.5 A
VCE
40 V
PDISS
11.6 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
15
OC/W
PACKAGE STYLE TO- 60(ISOLATED)
1 = EMITTER
2 = BASE
3 = COLLECTOR


Número de pieza similar - 2N3375

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
2N3375 MICROSEMI-2N3375 Datasheet
609Kb / 5P
   RF & MICROWAVE TRANSISTORS VHF-UHF CLASS C WIDE BAND
logo
List of Unclassifed Man...
2N3375 ETC1-2N3375 Datasheet
245Kb / 3P
   silicon transistors UHF/VHF power transistors
logo
New Jersey Semi-Conduct...
2N3375 NJSEMI-2N3375 Datasheet
196Kb / 2P
   RF & MICROWAVE TRANSISTORS
2N3375 NJSEMI-2N3375 Datasheet
256Kb / 2P
   NPN SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3375 ETC1-2N3375 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Descripción similar - 2N3375

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com