Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6439 Datasheet(PDF) 1 Page - Advanced Semiconductor

No. de pieza 2N6439
Descripción Electrónicos  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASI [Advanced Semiconductor]
Página de inicio  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2N6439 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2N6439 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS
TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 50 mA
33
V
BVCES
IC = 50 mA
60
V
BVCBO
IE = 5.0 mA
4.0
V
hFE
VCE = 5.0 V
IC = 1.0 A
10
100
---
COB
VCB = 28 V
f = 1 MHz
67
75
pF
GPe
VCE = 28 V
POUT = 60 W
f =225- 400 MHz
7.8
8.5
GPe
ηηηη
C
Ψ
Ψ
Ψ
Ψ
VCE = 28 V
POUT = 60 W
f = 400 MHz
7.8
55
30:1
10.0
dB
%
---
NPN SILICON RF POWER TRANSISTOR
2N6439
DESCRIPTION:
The
ASI 2N6439 is a Common
Emitter Device Designed For Large
signal output amplifier stages in the
225-400 MHz range.
FEATURES INCLUDE:
• Internal Input Matching Network
• 30:1 Load VSWR Capability
• All Gold Metalization
MAXIMUM RATINGS
VCB
60 V
PDISS
146 W @ TC = 25 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
1.2 °C/W
PACKAGE STYLE .500 6L FLG
1 = Collector
2 = Base
3 & 4 = Emitter


Número de pieza similar - 2N6439

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
2N6439 MOTOROLA-2N6439 Datasheet
127Kb / 6P
   60 W, 225 to 400 MHz CONTROLLED ?쏲??BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
2N6439 MACOM-2N6439 Datasheet
137Kb / 6P
   POWER TRANSISTOR
logo
M/A-COM Technology Solu...
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
   The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V
logo
New Jersey Semi-Conduct...
2N6439 NJSEMI-2N6439 Datasheet
197Kb / 2P
   BROADBAND RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
   The RF Line NPN Silicon Power Transistor
More results

Descripción similar - 2N6439

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com