Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA1130 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA1130
Descripción Electrónicos  AM Tuner for Car Radio
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1130 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1130 Datasheet HTML 1Page - Sanyo Semicon Device LA1130 Datasheet HTML 2Page - Sanyo Semicon Device LA1130 Datasheet HTML 3Page - Sanyo Semicon Device LA1130 Datasheet HTML 4Page - Sanyo Semicon Device LA1130 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Maximum Ratings at Ta=25°C, See specified Test Circuit.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Pins 7, 13
16
V
Maximum output voltage
VO5
Pin 5
17
V
VO8, 11
Pins 8, 11
24
V
Maximum input voltage
VIN max
Pin 2
5.6
V
Maximum supply current
ICC max
Total of current at pins 5, 7, 8, 11, 13
35
mA
Maximum flow-out current
I3
Pin 3
6
mA
Allowable power dissipation
Pd max
Ta
≤45°C
520
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Recommended Operating Condition at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
7.5 to 14.0
V
Operating Characteristics at Ta=25°C, VCC=8V, fr=1MHz, fm=400Hz, See specified Test Circuit.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Current drain
ICC1
Quiescent
12.5
18.0
24.5
mA
ICC2
120dBµ input
14.0
20.0
26.5
mA
Detection output
VO1
24dBµ input, 30% mod.
–31.0
–26.5
–12.0
dBm
VO2
74dBµ input, 30% mod.
–18.0
–15.5
–12.0
dBm
Signal to noise ratio
S/N 1
24dBµ input, 30% mod.
16
20
dB
S/N 2
74dBµ input, 30% mod.
46
50
dB
Total harmonic distortion
THD1
74dBµ input, 30% mod.
0.35
1.0
%
THD2
74dBµ input, 80% mod.
0.35
1.5
%
THD3
120dBµ input, 30% mod.
0.35
2.0
%
RF AGC voltage (V16)
VRFAGC1 Quiescent
5.2
5.6
5.9
V
[Reference characteristics]
Signal to noise ratio
S/N 3
35dBµ input, 30% mod.
31
dB
Total harmonic distortion
THD4
128dBµ input, 80% mod.
0.58
%
Detection output variation
∆VO
VO(128dBµ)/VO(74dBµ)
0.4
dB
Bandwidth
(6dB)
BW6
6dB width, 15dBµ input 30% mod.
7
kHz
(60dB)
BW60
60dB width, 15dBµ input 30% mod.
30
kHz
Selectivity (1 signal)
ACA
±10kHz detuning, 15dBµ input,
40
dB
30% mod.
Ripple rejection ratio
100dBµ input, IF VCC (pin 13) ripple
40.5
dB
level 50Hz to 15dBm
Local oscillation voltage
Vosc
350
mVrms
Local osc drift
∆Vosc
VoscL(515kHz) to VoscH(1660kHz)
20
mVrms
Whistle
2fiTweet
74dBµ input, 400Hz beat max.
–33
dB
RF AGC voltage (V16)
VRFAGC2 120dBµ input
1
V
RF output voltage
VORF
100dBµ input, ±10kHz
300
mVrms
IF interference
fr=600kHz, 15dBµ input
91.5
dB
Image frequency interference
fr=1400kHz, 15dBµ input
70.5
dB
LA1130
No.595-2/5


Número de pieza similar - LA1130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA1135M SANYO-LA1135M Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA1136 SANYO-LA1136 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136NM SANYO-LA1136NM Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
More results

Descripción similar - LA1130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
NTE Electronics
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
   Integrated Circuit AM Tuner for Car Radio
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
   Integrated Circuit AM Tuner for Car Radio
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
   Highly integrated tuner for AM/FM car radio
September 2013 Rev 9
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
   Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
   Highly integrated tuner for AM/FM car radio
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
   Highly integrated tuner for AM/FM car-radio
September 2013 Rev 3
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
   Highly integrated tuner for AM/FM car radio
January 2010
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
   AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com