Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA1836 Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LA1836
Descripción Electrónicos  Single-Chip Home Stereo Electronic Tuning IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1836 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA1836 Datasheet HTML 2Page - Sanyo Semicon Device LA1836 Datasheet HTML 3Page - Sanyo Semicon Device LA1836 Datasheet HTML 4Page - Sanyo Semicon Device LA1836 Datasheet HTML 5Page - Sanyo Semicon Device LA1836 Datasheet HTML 6Page - Sanyo Semicon Device LA1836 Datasheet HTML 7Page - Sanyo Semicon Device LA1836 Datasheet HTML 8Page - Sanyo Semicon Device LA1836 Datasheet HTML 9Page - Sanyo Semicon Device LA1836 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Continued from preceding page.
No. 4787-6/13
LA1836, 1836M
Pin No.
Function
Voltage
Internal equivalent circuit
Remarks
12
13
14
15
16
17
18
19
20
21
22
S-meter output, AM SD
sensitivity adjustment
AM narrow band CF
connection
Phase comparator low-
pass filter
(FM/AM switch)
Pilot detector low-pass
filter (forced mono)
(VCO stop)
Post-amplifier L output
and R output
Post-amplifier L input
and R input
MPX output, L output
and R output
MPX input
0.5 V (FM)
0 V (AM)
1.5 V
VCC – 1.4
(FM)
0 V (AM)
VCC – 1.0
VREG
VREG
VREG
VREG
3.5 V
3.5 V
2.9 V
The AM SD sensitivity can be adjusted with the
resistor between this pin and ground.
The AM SD sensitivity should be adjusted first,
since the FM SD sensitivity is affected by this
adjustment.
Recommended narrow band CF: BFU450C4N
(Murata)
AM mode selected when this pin is connected to
ground.
The circuit is forced to mono when a current of
50 µA or larger flows from this pin.
Connecting this pin to ground stops the VCO.
Output impedance ro = 200 Ω
Pin 16: left output
Pin 17: right output
Inverting inputs: ri = 3.3 kΩ
Pin 18: left input
Pin 19: right input
Output impedance ro = 3.3 kΩ
Pin 20: left de-emphasis
Pin 21: right de-emphasis
Input impedance ri = 20 kΩ
The low-band separation characteristics are
improved by increasing the value of the capacitor
connected between this pin and pin 24. However,
the impulse noise associated with AM/FM
switching will increase.
Continued on next page.


Número de pieza similar - LA1836

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1831 SANYO-LA1831 Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1831M SANYO-LA1831M Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1832 SANYO-LA1832 Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1832M SANYO-LA1832M Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
More results

Descripción similar - LA1836

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com