Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MV1403 Datasheet(PDF) 1 Page - Advanced Semiconductor

No. de pieza MV1403
Descripción Electrónicos  TUNING VARACTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASI [Advanced Semiconductor]
Página de inicio  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MV1403 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MV1403 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
A = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VB
IR = 10 µA
12
V
IR
VR = 10 V
0.1
µA
Ct-2
VR = 2.0 V
f = 1.0 MHz
140
175
210
pF
Q
VR = 2.0 V
f = 1.0 MHz
200
---
LS
f = 250 MHz
5.0
nH
CC
f = 1.0 MHz
0.25
pF
TR
Ct-2/Ct-10
f = 1.0 MHz
10
---
TUNING VARACTOR
MV1403
DESCRIPTION:
The
ASI MV1403 is a Silicon
Hyper-Abrupt Junction Microwave
Tuning Varactor Diode.
FEATURES:
• High Capacitance: 140 – 210pF
• High Q: 200 Min.
MAXIMUM RATINGS
V
12 V
I
250 mA
PDISS
400 mW @ TA = 25 °C
TJ
-65 °C to +125 °C
TSTG
-65 °C to +200 °C
PACKAGE STYLE D0-204AA
Millimeters
Inches
Dim:
Min
Max
Min
Max
A
5.84
7.62
0.230
0.300
B
2.16
2.72
0.085
0.107
D
0.46
0.56
0.018
0.022
F
---
1.27
---
0.050
K
25.40
38.10
1.000
1.500


Número de pieza similar - MV1403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
   TUNING VARACTOR
logo
Zarlink Semiconductor I...
MV1403 ZARLINK-MV1403 Datasheet
372Kb / 18P
   PCM MACROCELL DEMONSTRATOR
More results

Descripción similar - MV1403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
   TUNING VARACTOR
MV1404H ASI-MV1404H Datasheet
14Kb / 1P
   TUNING VARACTOR
MV1405HX ASI-MV1405HX Datasheet
14Kb / 1P
   TUNING VARACTOR
DKV6516 ASI-DKV6516 Datasheet
17Kb / 1P
   TUNING VARACTOR
logo
List of Unclassifed Man...
DH76150 ETC1-DH76150 Datasheet
69Kb / 9P
   TUNING VARACTOR
logo
Advanced Semiconductor
MV1404 ASI-MV1404 Datasheet
11Kb / 1P
   TUNING VARACTOR
1N5140A ASI-1N5140A Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
1N5148 ASI-1N5148 Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
logo
New Jersey Semi-Conduct...
1N5439 NJSEMI-1N5439 Datasheet
364Kb / 1P
   VARACTOR TUNING DIODES
logo
Advanced Semiconductor
1N5142 ASI-1N5142 Datasheet
15Kb / 1P
   TUNING VARACTOR DIODE
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com