Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA2615M Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LA2615M
Descripción Electrónicos  Analog Surround IC Featuring the AViSSTM 3D Surround Algorithm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2615M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA2615M Datasheet HTML 1Page - Sanyo Semicon Device LA2615M Datasheet HTML 2Page - Sanyo Semicon Device LA2615M Datasheet HTML 3Page - Sanyo Semicon Device LA2615M Datasheet HTML 4Page - Sanyo Semicon Device LA2615M Datasheet HTML 5Page - Sanyo Semicon Device LA2615M Datasheet HTML 6Page - Sanyo Semicon Device LA2615M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ordering number : ENN6464
41001TN (OT) No. 6464-1/7
Overview
The LA2615 and LA2615M are sound field playback
processing ICs for use in audio equipment, TVs, and PCs.
These ICs allow equipment to easily reproduce a spatial
realistic sound field from a stereo signal from a music,
video, or other audio source.
Features
• Supports a wide operating supply voltage range, and can
be used in a wide range of applications.
• The added surround signal level can be adjusted.
• Low-noise low-distortion bypass mode
• Provides a natural feeling of spaciousness without
degrading the tonal coloration of the source.
• Clear vocal positioning without any apparent loss of
center to the sound
• Miniature packages: 16-pin DIP (LA2615) and 16-pin
MFP (LA2615M)
Functions
• Surround signal processing
• Variable surround effect
• Surround/bypass switching
• LED drive circuit
Package Dimensions
unit: mm
3008B-DIP16
unit: mm
3035B-MFP16
1
8
16
9
19.2
0.71
2.54
1.2
0.48
SANYO: DIP16
[LA2615]
LA2615, 2615M
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Analog Surround IC Featuring the AViSSTM 3D
Surround Algorithm*
Monolithic Linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1
8
16
9
10.0
0.15
0.35
1.27
(0.56)
SANYO: MFP16
[LA2615M]
*: AViSS is a trademark of SANYO Electric Co., Ltd.


Número de pieza similar - LA2615M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA2610 SANYO-LA2610 Datasheet
39Kb / 5P
   Analog Surround Processing IC
LA2616V SANYO-LA2616V Datasheet
247Kb / 6P
   Analog Surround IC
More results

Descripción similar - LA2615M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA2616V SANYO-LA2616V Datasheet
247Kb / 6P
   Analog Surround IC
LA2610 SANYO-LA2610 Datasheet
39Kb / 5P
   Analog Surround Processing IC
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
logo
List of Unclassifed Man...
YSS247 ETC-YSS247 Datasheet
725Kb / 8P
   ASR ANALOG SURROUND
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com