Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP600G-FN Datasheet(PDF) 1 Page - Seme LAB

No. de pieza SMP600G-FN
Descripción Electrónicos  P.I.N. PHOTODIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP600G-FN Datasheet(HTML) 1 Page - Seme LAB

  SMP600G-FN Datasheet HTML 1Page - Seme LAB SMP600G-FN Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ø 9.1
Ø 0.45
Lead
2
3
1
1
2
3
Cathode
Anode
Case
5.08
SMP600G-FN
Prelim. 7/97
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
MECHANICAL DATA
Dimensions in mm.
P.I.N. PHOTODIODE
DESCRIPTION
The SMP600G-FN is a Silicon P.I.N. photodiode
incorporated in a lensed, hermetic metal can package. The
electrical terminations are via two leads of diameter 0.018"
on a pitch centre diameter of 0.2". The photodiode is
electrically isolated from the package, which has a
separate earth lead.
The larger photodiode active area provides greater
sensitivity than the SMP550 range of devices, with a slight
reduction in speed. Inherent in the device geometry is a
wide receiving angle. The photodiode structure has been
optimised for high sensitivity, light measurement
applications. The narrow viewing angles provide better
coupling to on-axis illumination sources. The metal can,
isolated photodiode and optional screening mesh ensure a
rugged device with a high degree of immunity to conducted
and radiated electrical interference.
TO-39 Package
Operating temperature range
Storage temperature range
Temperature coefficient of responsively
Temperature coefficient of dark current
Reverse breakdown voltage
-40°C to +70°C
-45°C to +80°C
0.35% per °C
x2 per 8°C rise
60V
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• HIGH SENSITIVITY
• WIDE RECEIVING ANGLE
• PHOTODIODE ISOLATED FROM PACKAGE
• EXCELLENT LINEARITY
• LOW NOISE
• WIDE SPECTRAL RESPONSE
• WIDE INTRINSIC BANDWIDTH
• INTEGRAL OPTICAL FILTER OPTION note 1
• TO39 HERMETIC METAL CAN PACKAGE
• EMI SCREENING MESH AVAILABLE
Note 1 Contact Semelab Plc for filter options
Pin 1 – Anode
Pin 2 – Cathode
Pin 3 – Case


Número de pieza similar - SMP600G-FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
SMP600G-FJ SEME-LAB-SMP600G-FJ Datasheet
67Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-FK SEME-LAB-SMP600G-FK Datasheet
67Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-FL SEME-LAB-SMP600G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-FM SEME-LAB-SMP600G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
More results

Descripción similar - SMP600G-FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
SMP600G-EN SEME-LAB-SMP600G-EN Datasheet
25Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X3 SEME-LAB-SMP550G-X3 Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-EM SEME-LAB-SMP600G-EM Datasheet
69Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-X1 SEME-LAB-SMP400G-X1 Datasheet
52Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-EK SEME-LAB-SMP525G-EK Datasheet
76Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-X2 SEME-LAB-SMP550G-X2 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X4 SEME-LAB-SMP550G-X4 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com