Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LA4267 Datasheet(PDF) 1 Page - Sanyo Semicon Device |
|
LA4267 Datasheet(HTML) 1 Page - Sanyo Semicon Device |
1 / 6 page Ordering number: ENN7092 SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft’s control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. 5 W Monaural Power Amplifier LA4267 Monolithic Linear IC 32902RM (II) No. 7092-1/6 Package Dimensions unit: mm 3248 [LA4267] SANYO: SIP10H-D Overview The LA4267 is a 5 W power amplifier intended for televisions. This IC has a series of pin compatible monaural and 2- channel power amplifiers, thus allows the end product to use a common circuit boad. Features • Television audio output. • Pin compatible with the LA4266 (3 W)/4268 (10 W) and the LA4276 (3 W × 2)/4277 (5 W × 2)/4278(10 W × 2). • Package: SIP-10HD (2.54 mm pitch, straight pins). • Thermal protection circuit and overvoltage protection circuit on chip. • Output power: 5 W (VCC = 20 V/RL = 8 Ω). Specifications Maximum Ratings at Ta = 25 °C Parameter Symbol Conditions Ratings Unit Maximum supply voltage VCC Rg = 0 35 V Maximum output current IO peak 2.5 A Allowable power dissipation Pd max Infinite heat sink 15.0 W Thermal resistance θ j-c 3.0 °C/W Operating temperature Topr –20 to +75 °C Storage temperature Tstg –40 to +150 °C Operating Conditions at Ta = 25 °C Parameter Symbol Conditions Ratings Unit Recommended supply voltage VCC 20 V Load resistance RL 8 Ω Operating supply voltage range VCC op Range does not exceed Pd 10 to 33 V (10.0) 0.5 1.37 2.54 25.6 2.0 3.4 C0.7 110 0.4 1.2 1.15 2.4 |
Número de pieza similar - LA4267 |
|
Descripción similar - LA4267 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |