Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4278 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LA4278
Descripción Electrónicos  10 W 2-Channel Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4278 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA4278 Datasheet HTML 1Page - Sanyo Semicon Device LA4278 Datasheet HTML 2Page - Sanyo Semicon Device LA4278 Datasheet HTML 3Page - Sanyo Semicon Device LA4278 Datasheet HTML 4Page - Sanyo Semicon Device LA4278 Datasheet HTML 5Page - Sanyo Semicon Device LA4278 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LA4278
No. 7096-4/6
Notes on Using the IC
• Maximum ratings
When this IC is used near its maximum ratings, it is possible that a slight fluctuation in the operating conditions could
cause the maximum ratings to be exceeded, damaging the IC. Therefore, allow for an adequate safety margin in
regards to supply voltage, etc., so that the IC is never used under conditions that exceed its maximum ratings.
• Short circuit between pins
Applying power to the IC while a short circuit exists between two pins can cause damage or deterioration in the IC.
Therefore, after mounting the IC on a board, make sure that there are no solder bridges, etc., causing a short circuit
between any of the pins before applying power to the IC.
• Using the IC in a radio
When using this IC in a radio, make sure that there is enough distance between the IC and the bar antenna.
• Printed circuit pattern
When designing the printed circuit pattern, keep power, output, and ground lines thick and short, and determine the
placement of the pattern and the components in such a way as to prevent the generation of an I/O feedback loop.
In addition, power supply capacitor C8 and oscillation blocking capacitor C7 and C10 should be placed as close as
possible to the IC pins in order to prevent oscillation.


Número de pieza similar - LA4278

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4270 SANYO-LA4270 Datasheet
324Kb / 10P
   6W Dual-Channel AF Power Amp
LA4270 SANYO-LA4270 Datasheet
49Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
LA4275 SANYO-LA4275 Datasheet
42Kb / 2P
   6.0 W AF Power Amplifier for Home Stereo, TV Use
LA4276 SANYO-LA4276 Datasheet
75Kb / 6P
   3 W 2-Channel Power Amplifier
LA4277 SANYO-LA4277 Datasheet
79Kb / 6P
   5 W 2-Channel Power Amplifier
More results

Descripción similar - LA4278

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4276 SANYO-LA4276 Datasheet
75Kb / 6P
   3 W 2-Channel Power Amplifier
LA4277 SANYO-LA4277 Datasheet
79Kb / 6P
   5 W 2-Channel Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-010169 MA-COM-MAAP-010169 Datasheet
231Kb / 6P
   10 W Power Amplifier
MAAP-010168-V1 MA-COM-MAAP-010168-V1 Datasheet
224Kb / 6P
   10 W Power Amplifier
MAAP-010169 MA-COM-MAAP-010169_15 Datasheet
657Kb / 7P
   10 W Power Amplifier
logo
Sanyo Semicon Device
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
   2.3 W 2-Channel AF Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-011247-DIE MA-COM-MAAP-011247-DIE Datasheet
1Mb / 9P
   Power Amplifier, 2 W
MAAP-011146-STD MA-COM-MAAP-011146-STD Datasheet
1Mb / 10P
   Power Amplifier, 2 W
logo
Sanyo Semicon Device
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
logo
Vishay Siliconix
AN7188K VISHAY-AN7188K Datasheet
20Kb / 1P
   2 Power Amplifier 18 W
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com