Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N1717 Datasheet(PDF) 1 Page - Seme LAB

No. de pieza 2N1717
Descripción Electrónicos  Bipolar NPN Device in a Hermetically sealed TO39
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N1717 Datasheet(HTML) 1 Page - Seme LAB

  2N1717 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N1717
Bipolar NPN Device.
V
CEO =
100V
I
C = 1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
100
V
I
C(CONT)
1
A
h
FE
@ 5.0/0.2 (V
CE / IC)
40
-
f
t
16M
Hz
P
D
0.75
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Número de pieza similar - 2N1717

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2N1717 ETC-2N1717 Datasheet
54Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N1717 NJSEMI-2N1717 Datasheet
124Kb / 1P
   NPN SWITCHING TRANSISTORS
More results

Descripción similar - 2N1717

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N2219A SEME-LAB-2N2219A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3300 SEME-LAB-2N3300 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N2960 SEME-LAB-2N2960 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3036 SEME-LAB-2N3036 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3053A SEME-LAB-2N3053A Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3108 SEME-LAB-2N3108 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3110 SEME-LAB-2N3110 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BFT32A SEME-LAB-BFT32A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BFY56 SEME-LAB-BFY56 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BSX46 SEME-LAB-BSX46 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BSX62 SEME-LAB-BSX62 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com