Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2060DCSM Datasheet(PDF) 1 Page - Seme LAB

No. de pieza 2N2060DCSM
Descripción Electrónicos  Dual Bipolar PNP Devices in a hermetically sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2060DCSM Datasheet(HTML) 1 Page - Seme LAB

  2N2060DCSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N2060DCSM
Dual Bipolar PNP Devices.
V
CEO =
80V
I
C = 0.5A
All Semelab hermetically sealed products can
be processed in accordance with the
requirements of BS, CECC and JAN, JANTX,
JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
0.5
A
h
FE
@ 5/10m (V
CE / IC)
40
120
-
f
t
60M
Hz
P
D
0.6
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Dual Bipolar PNP Devices in a
hermetically sealed
LCC2 Ceramic Surface Mount
Package for High Reliability
Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
2
6
3
4
5
0.23
(0.009)
1.40 ± 0.15
(0.055 ± 0.006)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
rad.
A
1.27 ± 0.13
(0.05 ± 0.005)
A =
6.22 ± 0.13
(0.245 ± 0.005)
LCC2 (MO-041BB)
Pinouts
Pin 1 – Collector 1
Pin 4 – Collector 2
Pin 2 – Base 1
Pin 5 – Emitter 2
Pin 3 – Base 2
Pin 6 – Emitter 1


Número de pieza similar - 2N2060DCSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
2N2060 MICROSEMI-2N2060 Datasheet
53Kb / 2P
   UNITIZED DUAL NPN SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N2060 SEMICOA-2N2060 Datasheet
210Kb / 3P
   Silicon NPN Transistor
logo
Central Semiconductor C...
2N2060 CENTRAL-2N2060 Datasheet
52Kb / 1P
   Dual Transistors
logo
Seme LAB
2N2060 SEME-LAB-2N2060 Datasheet
419Kb / 3P
   DUAL MATCHED NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N2060 NJSEMI-2N2060 Datasheet
133Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
More results

Descripción similar - 2N2060DCSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N1132DCSM SEME-LAB-2N1132DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N3347DCSM SEME-LAB-2N3347DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N2906ADCSM SEME-LAB-2N2906ADCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
BC212DCSM SEME-LAB-BC212DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N2904DCSM SEME-LAB-2N2904DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N3804ADCSM SEME-LAB-2N3804ADCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N3805ADCSM SEME-LAB-2N3805ADCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N4928DCSM SEME-LAB-2N4928DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
BC477DCSM SEME-LAB-BC477DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N3805DCSM SEME-LAB-2N3805DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N3349DCSM SEME-LAB-2N3349DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com