Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2221CSM Datasheet(PDF) 1 Page - Seme LAB

No. de pieza 2N2221CSM
Descripción Electrónicos  Bipolar NPN Device in a Hermetically sealed LCC1
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2221CSM Datasheet(HTML) 1 Page - Seme LAB

  2N2221CSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N2221CSM
Bipolar NPN Device.
V
CEO =
30V
I
C = 0.8A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
30
V
I
C(CONT)
0.8
A
h
FE
@ 10/0.15 (V
CE / IC)
40
120
-
f
t
250M
Hz
P
D
0.5
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Bipolar NPN Device in a
Hermetically sealed LCC1
Ceramic Surface Mount
Package for High
Reliability Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
PINOUTS
1 – Base
2 – Emitter
3 - Collector


Número de pieza similar - 2N2221CSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
2N2221 STMICROELECTRONICS-2N2221 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
Siemens Semiconductor G...
2N2221 SIEMENS-2N2221 Datasheet
45Kb / 2P
   NPN Silicon Planar Transistors
logo
Fairchild Semiconductor
2N2221 FAIRCHILD-2N2221 Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
logo
Seme LAB
2N2221 SEME-LAB-2N2221 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
logo
Central Semiconductor C...
2N2221 CENTRAL-2N2221 Datasheet
531Kb / 2P
   NPN SILICON TRANSISTOR
More results

Descripción similar - 2N2221CSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N3012CSM SEME-LAB-2N3012CSM Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
2N2222CSM SEME-LAB-2N2222CSM Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
2N2368ACSM SEME-LAB-2N2368ACSM Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
BSX20CSM SEME-LAB-BSX20CSM Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
BCW34XCSM SEME-LAB-BCW34XCSM Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
BC107CSM SEME-LAB-BC107CSM Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
BFY90CSM SEME-LAB-BFY90CSM Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
BSS73CSM SEME-LAB-BSS73CSM Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
BSX33CSM SEME-LAB-BSX33CSM Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
2N916CSM SEME-LAB-2N916CSM Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
BCY59CSM SEME-LAB-BCY59CSM Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com