Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMD28-461 Datasheet(PDF) 2 Page - Interpoint Corporation Company

No. de pieza FMD28-461
Descripción Electrónicos  Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMD28-461_10 Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Operating COnditiOns and
CharaCteristiCs
input Voltage range
0 to 50 VDC continuous
Transient +100 V for 100 ms
lead soldering temperature (10 sec per lead)
300°C
storage temperature range (case)
-65°C to +150°C
case operating temperature (tc)
-55°C to +125°C full power
-55°C to +135°C absolute
Derating input/output current
Linearly from 100% at 125°C to 0% at 135° C
isolation
100 megohm minimum at 500 VDC
meChaniCal and envirOnmental
size (maximum)
Case J4, FMD28-461
2.720 x 1.350 x 0.505 inches (69.09 x 34.29 x 12.83 mm)
Shown on page 1 in Case J4 (down-leaded).
Case U, FMD28-461SL
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
Weight (maximum)
Case J4: 55 grams typical
Case U: 77 grams typical
screening
FMD28 is offered with 125°C Standard and /ES, non-QML
screening. See Standard and /ES (non-QML) screening tables for
more information on page 8.
Positive
Input
Input
Common
Positive
Output
Output
Common
FMD28-461
FIguRe 2: FMd28-461 scheMatIc
+Vin
+Vout
Input
Common
Output
Common
Case
RL
RL
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
FIguRe 1: cOnnectIOn dIagRaM
The case ground connection between the filter and the converter should be as
low an impedance as possible to minimize EMI. Direct contact of baseplate to
chassis ground provides the lowest impedance.
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 2 of 8
FMD28-461 eMi input Filters
28 Volt input – 7 aMp
FMD28 Rev C - 20100226


Número de pieza similar - FMD28-461_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
More results

Descripción similar - FMD28-461_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
   Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
   Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
logo
Marki Microwave
BTN1-0050 MARKIMICROWAVE-BTN1-0050 Datasheet
686Kb / 4P
   Broadband: 500 kHz to 50 GHz
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
   Attenuation: 1.0 dB steps to 15 dB
logo
LEM
LF310-S LEM-LF310-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 500 A
logo
Mini-Circuits
PDC-10-1 MINI-PDC-10-1 Datasheet
46Kb / 1P
   6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com