Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N4231A Datasheet(PDF) 1 Page - Seme LAB

No. de pieza 2N4231A
Descripción Electrónicos  Bipolar NPN Device in a Hermetically sealed TO66
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4231A Datasheet(HTML) 1 Page - Seme LAB

  2N4231A Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N4231A
Bipolar NPN Device.
V
CEO =
40V
I
C = 5A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
5
A
h
FE
@ 2/1.5 (V
CE / IC)
25
100
-
f
t
4M
Hz
P
D
35
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
TO66 (TO213AA)
PINOUTS
1 – Base
2 – Emitter
Case – Collector
Bipolar NPN Device in a
Hermetically sealed TO66
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
3.68
(0.145) rad.
max.
3.61 (0.142)
4.08(0.161)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
1
2


Número de pieza similar - 2N4231A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N4231A MOSPEC-2N4231A Datasheet
189Kb / 4P
   POWER TRANSISTORS(5A,75W)
logo
Boca Semiconductor Corp...
2N4231A BOCA-2N4231A Datasheet
196Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Central Semiconductor C...
2N4231A CENTRAL-2N4231A Datasheet
51Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N4231A NJSEMI-2N4231A Datasheet
95Kb / 2P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
2N4231A NJSEMI-2N4231A Datasheet
95Kb / 2P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
More results

Descripción similar - 2N4231A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N3585 SEME-LAB-2N3585 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N5612 SEME-LAB-2N5612 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
MJ4032 SEME-LAB-MJ4032 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N5429 SEME-LAB-2N5429 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N6536 SEME-LAB-2N6536 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N4232A SEME-LAB-2N4232A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N4233 SEME-LAB-2N4233 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N6235X SEME-LAB-2N6235X Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
BUX67A SEME-LAB-BUX67A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N6372 SEME-LAB-2N6372 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N5428 SEME-LAB-2N5428 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com