Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N4901SMD Datasheet(PDF) 1 Page - Seme LAB

No. de pieza 2N4901SMD
Descripción Electrónicos  Bipolar PNP Device in a Hermetically sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4901SMD Datasheet(HTML) 1 Page - Seme LAB

  2N4901SMD Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.60 (0.142)
Max.
3.70 (0.146)
3.41 (0.134)
3.70 (0.146)
3.41 (0.134)
0.89
(0.035)
min.
9.67 (0.381)
9.38 (0.369)
11.58 (0.456)
11.28 (0.444)
0.50 (0.020)
0.26 (0.010)
13
2
2N4901SMD
Bipolar PNP Device.
V
CEO =
40V
I
C = 5A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
5
A
h
FE
@ 2/1 (V
CE / IC)
20
80
-
f
t
4M
Hz
P
D
87
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
15-Aug-02
Bipolar PNP Device in a
Hermetically sealed
Ceramic Surface Mount
Package for High
Reliability Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
PINOUTS
1 – Base
2 – Collector
3 – Emitter
SMD1 (TO276AB)


Número de pieza similar - 2N4901SMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N4901 MOSPEC-2N4901 Datasheet
171Kb / 4P
   POWER TRANSISTORS(5.0A,87.5W)
logo
Savantic, Inc.
2N4901 SAVANTIC-2N4901 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
logo
Boca Semiconductor Corp...
2N4901 BOCA-2N4901 Datasheet
175Kb / 4P
   COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4901 NJSEMI-2N4901 Datasheet
87Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N4901 ETC-2N4901 Datasheet
347Kb / 8P
   Power Transistors
More results

Descripción similar - 2N4901SMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N5153SMD SEME-LAB-2N5153SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3868SMD SEME-LAB-2N3868SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3792SMD SEME-LAB-2N3792SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3790SMD SEME-LAB-2N3790SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
BUX78ASMD SEME-LAB-BUX78ASMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
BUX78SMD SEME-LAB-BUX78SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3789XSMD SEME-LAB-2N3789XSMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3790XSMD SEME-LAB-2N3790XSMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3791SMD SEME-LAB-2N3791SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3867SMD05 SEME-LAB-2N3867SMD05 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com