Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLZ24A Datasheet(PDF) 2 Page - Sensitron

No. de pieza DLZ24A
Descripción Electrónicos  Transient Voltage Suppressor / Data Line Transient Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSITRON [Sensitron]
Página de inicio  http://www.sensitron.com
Logo SENSITRON - Sensitron

DLZ24A Datasheet(HTML) 2 Page - Sensitron

  DLZ24A Datasheet HTML 1Page - Sensitron DLZ24A Datasheet HTML 2Page - Sensitron DLZ24A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2000 Sensitron Semiconductor
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX (631) 242 9798
• www.sensitron.com • sales@sensitron.com •
DLZ5 thru DLZ30
DLZ5A thru DLZ30A
DLZ8C thru DLZ30C
DLZ8CA thru DLZ30CA
SENSITRON
TECHNICAL DATA
DATA SHEET 563, REV. E
Part Number
Reverse
Stand-Off
Voltage
VWM
Volts
Minimum
Breakdown
Voltage
@ 1 mA
V(BR)
Volts
Maximum
Clamping
Voltage
@ IPP1 = 1A
(8x20
μs)
Vc1
Volts
Maximum Clamping
Voltage
@ IPP2 = 10A
(8x20
μs)
Vc2
Volts
Maximum
Reverse
Leakage
@ VWM
ID
μA
Maximum
Capacitance
@ 0V, 1MHz
C
pF
Maximum
Voltage
Temperature
Variation of
V(BR)
mV/C
Unidirectional
DLZ5
DLZ5A
DLZ12
DLZ12A
DLZ17
DLZ17A
DLZ24
DLZ24A
DLZ30
DLZ30A
5.0
5.0
12
12
17
17
24
24
30
30
6.0
6.0
13.3
13.3
19.2
19.2
26.7
26.7
33.3
33.3
10.2
9.5
21.1
19.1
30.4
27.5
42.3
38.3
52.8
47.8
12.5
10.6
26.0
23.5
37.4
33.9
52.1
47.2
65.0
58.8
200
200
2
2
2
2
2
2
2
2
880
880
440
440
330
330
275
275
220
220
5
5
18
18
20
20
31
31
39
39
Bidirectional
DLZ8C
DLZ8CA
DLZ13C
DLZ13CA
DLZ19C
DLZ19CA
DLZ30C
DLZ30CA
8.0
8.0
13
13
19
19
30
30
8.5
8.5
14.4
14.4
21.6
21.6
33.3
33.3
13.4
12.2
22.8
20.6
34.2
31.0
52.8
47.8
16.6
15.0
28.1
25.4
42.1
38.1
65.0
58.8
30
30
4
4
4
4
4
4
440
440
385
385
275
275
165
165
9
9
18
18
24
24
39
39
TYPICAL UNIDIRECTIONAL SCHEMATIC
TYPICAL BIDIRECTIONAL SCHEMATIC


Número de pieza similar - DLZ24A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ24A SENSITRON-DLZ24A Datasheet
69Kb / 4P
   Transient Voltage Suppressor
More results

Descripción similar - DLZ24A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5 Datasheet
76Kb / 2P
   DATA LINE TRANSIENT SUPPRESSOR
DLTS-5 MICROSEMI-DLTS-5_09 Datasheet
95Kb / 3P
   DATA LINE TRANSIENT SUPPRESSOR
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com