Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMFL2805D Datasheet(PDF) 5 Page - Interpoint Corporation Company

No. de pieza SMFL2805D
Descripción Electrónicos  Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2805D Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMFL2805D Datasheet HTML 1Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 2Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 3Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 4Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 5Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 6Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 7Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 8Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ModeL nuMberinG key
SMFL 28 05 S V / K R
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Case Option
(leave blank for standard case U)
Radiation Hardness
Assurance (RHA)
sMd nuMbers
Standard Microcircuit
drawing (SMd)
5962R0621302KxC
5962R9316302KxC
5962R9316202KxC
5962R9316102KxC
5962R9319102KxC
5962R9319302KxC
5962R9319202KxC
SMFL SerieS
SiMiLar Part
SMFL283R3S/KR
SMFL2805S/KR
SMFL2812S/KR
SMFL2815S/KR
SMFL2805D/KR
SMFL2812D/KR
SMFL2815D/KR
The SMD number shown is for Class H screening, non-flanged,
and no Radiation Hardness Assurance (RHA) level. See the
SMD for the numbers for other screening and RHA levels.
For exact specifications for an SMD product, refer to the SMD
drawing. SMDs can be down-loaded from:
http://www.dscc.dla.mil/programs/smcr
ModeL seLection
on the LineS beLow, enter one SeLection FroM each category to deterMine the ModeL nuMber.
cateGory
sMFL28
___________ /
_______
Base Model and
Input Voltage
Output Voltage 1
Number of Outputs 2
Case/Lead
Options 3
Screening 4
RHA 5
3r3, 05, 12, 15
s
(u, leave blank)
o
o
SMFL28 is the only
available option
05, 12, 15
d
V
H
p
seLection
k
r
Notes:
1. Output Voltage: An R indicates a decimal point. 3R3 is 3.3 volts out.
2. Number of Outputs: S is a single output and D is a dual output
3. Case Options: For the standard case (case u) leave the case option blank. For case option V, insert the letter V in the case option position.
4. Screening: A screening level of O is a Space Prototype and is only used with RHA O. See Screening Tables 1, 2 and 3 for more information.
5. RHA: Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-
38534, which is defined as “no RHA.” RHA O is only available with Screening level O. See Screening Table 3 for more information.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 5 of 15
sMFL single and dual dc/dc converters
28 VoLt input – 65 Watt
SMFL Rev K - 20101209


Número de pieza similar - SMFL2805D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpion semiconductor
SMFL2805D/HO INTERPION-SMFL2805D/HO Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFL2805D/HO CRANE-SMFL2805D/HO Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFL2805D/KR INTERPOINT-SMFL2805D/KR Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL2805D/KR INTERPOINT-SMFL2805D/KR Datasheet
332Kb / 15P
   SMFL Single and Dual DC-DC Converters
More results

Descripción similar - SMFL2805D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Anaren Microwave
MSK5980RH ANAREN-MSK5980RH Datasheet
408Kb / 9P
   MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
logo
Advanced XTAL Products
AXIOM6060 AXTAL-AXIOM6060 Datasheet
312Kb / 14P
   Qualified according to MIL-PRF-55310 Level ?쏶?
logo
M.S. Kennedy Corporatio...
MSK032 MSK-MSK032_15 Datasheet
378Kb / 5P
   Contact MSK for MIL-PRF-38534 Qualification Status
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com