Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMFLHP283R3S Datasheet(PDF) 6 Page - Interpoint Corporation Company

No. de Pieza. SMFLHP283R3S
Descripción  Parallel operation with current share, up to 3 units (228 watts)
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo 

SMFLHP283R3S Datasheet(HTML) 6 Page - Interpoint Corporation Company

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Notes
1. Guaranteed by design, not tested.
2. unit will shut down above approximately 45V but will be undamaged and will restart
when voltage drops into normal range.
3. Recovery time is measured from application of the transient to point at which Vout
is within 1% of final value.
4. Transition time >10 µs.
Electrical Characteristics: –55°C to +125°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
SINgLE OuTPuT MODELS
SMFLHP283R3S SMFLHP2805S SMFLHP2812S SMFLHP2815S
unitS
Parameter
cOnDitiOnS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
OutPut VOltage
tc = 25°c
3.26 3.30 3.34 4.95 5.00 5.05 11.88 12.00 12.12 14.85 15.00 15.15
VDc
OutPut current
Vin = 19 tO 40 VDc
0
16 0
16 0
7.5 0
6.67
a
OutPut POWer
Vin = 19 tO 40 VDc
0
53 0
80 0
90 0
100
W
OutPut riPPle
10 khz - 2 mhz
tc = 25°c
10
25
20
40
15
50
30
90
30
85
45
150
30
95
45
175
mV p-p
tc = -55°c tO +125°c
line regulatiOn
Vin = 19 tO 40 VDc
0
50 —
0
50 —
0
50 —
0
50
mV
lOaD regulatiOn
nO lOaD tO Full
0
20 —
0
20 —
0
20 —
0
20
mV
inPut VOltage
nO lOaD tO Full
cOntinuOuS
19
28
40
50
19
28
40
50
19
28
40
50
19
28
40
50
VDc
V
TRANSIENT1, 2 50 ms
inPut current
nO lOaD
70
120
9
15
35
80
70
120
9
15
35
80
80
120
9
15
35
80
80
120
9
15
35
80
mA
inhibiteD - inh1
inhibiteD - inh2
inPut riPPle
current
10 khz - 10 mhz
30
80 —
30
80 —
30
80 —
30
80
mA p-p
eFFiciencY
tc = 25°c
70
72
— 77
80
— 81
86
— 82
87
%
lOaD Fault
tc = 25°c
ShOrt circuit
POWer DiSSiPatiOn —
15
22
1.5
10
15
20
1.5
4
15
20
1.5
4
15
20
1.5
4
W
ms
recOVerY1
SteP lOaD
reSPOnSe
50% - 100% - 50%
tranSient
350
400
1.5
3.0
350
450
1.5
3.0
450
700
1.5
3.0
450
700
1.5
3.0
mV pk
ms
recOVerY1, 3
SteP line
reSPOnSe1
19 - 40 -19 VDc
tranSient4
250
400
200
300
250
400
200
600
250
800
200
600
250
800
200
600
mV pk
µs
recOVerY3
Start-uP
DelaY
3.5
10
0
50
3.5
10
0
25
3.5
10
0
50
3.5
10
0
50
ms
mV pk
OVerShOOt1
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 6 of 13
Rev H - 20071221
smFlHp single and dual dc/dc converters
28 Volt input – 100 Watt


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn