Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMFLHP2815S Datasheet(PDF) 5 Page - Interpoint Corporation Company

No. de pieza SMFLHP2815S
Descripción Electrónicos  Parallel operation with current share, up to 3 units (228 watts)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFLHP2815S Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMFLHP2815S Datasheet HTML 1Page - Interpoint Corporation Company SMFLHP2815S Datasheet HTML 2Page - Interpoint Corporation Company SMFLHP2815S Datasheet HTML 3Page - Interpoint Corporation Company SMFLHP2815S Datasheet HTML 4Page - Interpoint Corporation Company SMFLHP2815S Datasheet HTML 5Page - Interpoint Corporation Company SMFLHP2815S Datasheet HTML 6Page - Interpoint Corporation Company SMFLHP2815S Datasheet HTML 7Page - Interpoint Corporation Company SMFLHP2815S Datasheet HTML 8Page - Interpoint Corporation Company SMFLHP2815S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
mOdel nUmbering key
SMFLHP
28 05 S / K
R
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Radiation Level
mOdel seleCtiOn
SMFLHP28
/
base model
Vout value number of outputs
screening
Choose one from each of the following rows:
Vout value
for singles 3R3, 5, 12, 15 for duals: 5, 12, 15
“R”=decimalpoint,3R3=3.3VDC
Number of outputs
S (single) or D (dual)
Case option
standard (case u, leave blank)
Screening
OO* - Space prototype, HO, HP, HR, KR
*Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level
of MIL-PRF-38534,which is defined as “no RHA”
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 5 of 13
Rev H - 20071221
smFlHp single and dual dc/dc converters
28 Volt input – 100 Watt


Número de pieza similar - SMFLHP2815S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
SMFLHP2815S INTERPOINT-SMFLHP2815S Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMFLHP2815S/KR INTERPOINT-SMFLHP2815S/KR Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Descripción similar - SMFLHP2815S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
MHP270 INTERPOINT-MHP270_10 Datasheet
493Kb / 10P
   Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
Pasternack Enterprises,...
PE6228 PASTERNACK-PE6228 Datasheet
203Kb / 3P
   Medium Power 25 Watts RF Load Up To 3 GHz With
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com