Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMRT2815S Datasheet(PDF) 4 Page - Interpoint Corporation Company

No. de pieza SMRT2815S
Descripción Electrónicos  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2815S Datasheet(HTML) 4 Page - Interpoint Corporation Company

  SMRT2815S Datasheet HTML 1Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 2Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 3Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 4Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 5Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 6Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 7Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 8Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
trIM taBLes
trIm DOwn
Singles
RtrIm should be connected between the trim pin and positive sense pin.
Duals
RtrIm should be connected between the trim B pin and positive Vout B
pin. This only trims output B, output A can use the sense pin to trim up
only. See page 2 for instructions on trimming up output A.
Triples
RtrIm should be connected between the trim a pin and positive Vout
a pin to adjust the Main output.
RtrIm should be connected between the trim B pin and positive Vout
B pin to adjust the Auxiliary outputs.
RtrIm = K ( Vout - Vmin )
Vnom - Vout
Vout = Desired Voltage; K/Vmin/Vnom from table below.
VnOM
K
VMIn
% OF VnOM
3.3
3500
3.18
96
5.0
4520
4.16
83
7.0
8020
5.47
78
8.7
9040
6.13
70
12
11030
7.05
58
15
12900
7.65
51
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Single
Sense
Trim
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Dual
Vout B
Trim B
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Triple
Vout A
Trim A
Trim B
+Vout B
trIm up
Singles
RtrIm should be connected between the trim pin and sense return pin.
Duals
RtrIm should be connected between the trim B pin and Vout B return pin.
This only trims output B, output A can use the sense pin to trim up only.
Triples
RtrIm should be connected between the trim a pin and Vout a return pin
to adjust the Main outputs.
RtrIm should be connected between the trim B pin and Vout B return pin
to adjust the Auxiliary outputs.
RtrIm = K ( Vmax - Vout )
Vout - Vnom
Vout = Desired Voltage; K/Vmax/Vnom from table below.
VnOM
K
VMAX
% OF VnOM
3.3
3000
3.70
112
5.0
3000
6.26
125
7.0
5300
8.27
118
8.7
5300
10.46
149
12
5300
14.69
122
15
5300
18.54
124
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Single
Sense Return
Trim
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Dual
Vout B Return
Trim B
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Triple
Vout A Return
Trim A
Trim B
Vout B Return
FIgure 1: trIm DOwn DIagramS
FIgure 2: trIm up DIagramS
note: Do not exceed maximum power rating when trimming up.
note: Do not exceed maximum current rating when trimming down,
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 4 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216


Número de pieza similar - SMRT2815S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
SMRT2815S/KR INTERPOINT-SMRT2815S/KR Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
logo
Crane Aerospace & Elect...
SMRT2815SHP CRANE-SMRT2815SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SHR CRANE-SMRT2815SHR Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SKF CRANE-SMRT2815SKF Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SKP CRANE-SMRT2815SKP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
More results

Descripción similar - SMRT2815S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
KG9501 ETC-KG9501 Datasheet
1Mb / 6P
   MIL-STD-461-C INPUT EMI FILTER for 4W up to 50W DC/DC Converters
logo
Nova Electric. All Righ...
FC1250U NOVA-FC1250U Datasheet
304Kb / 2P
   RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Abracon Corporation
AWBC-05 ABRACON-AWBC-05 Datasheet
638Kb / 1P
   Widely used in PC products to filter EMI from the outside
03.07.14
logo
JMK Inc.
AA-1506-12 JMK-AA-1506-12 Datasheet
55Kb / 1P
   This economical filter is designed to operate in severe environments such as Mil-Std-704.
ZM-1758-40 JMK-ZM-1758-40 Datasheet
36Kb / 1P
   The ZM-1758-40 filter is designed to work with systems with requirements to meet Mil-Std-461D or Mil-Std-461E.
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
Holt Integrated Circuit...
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
   MIL-STD-704 compliant
logo
Dynex Semiconductor
MAS281 DYNEX-MAS281 Datasheet
551Kb / 55P
   MIL-STD-1750A Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com