Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC109DCSM Datasheet(PDF) 2 Page - Seme LAB

No. de pieza BC109DCSM
Descripción Electrónicos  SILICON EPITAXIAL NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC109DCSM Datasheet(HTML) 2 Page - Seme LAB

  BC109DCSM Datasheet HTML 1Page - Seme LAB BC109DCSM Datasheet HTML 2Page - Seme LAB BC109DCSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON EPITAXIAL
NPN TRANSISTOR
BC109DCSM
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8124
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (Each Side, TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
VCB = 20V
15
nA
ICBO
Collector-Cut-Off Current
TA = 150°C
15
µA
V(BR)CBO
Collector-Base Breakdown
Voltage
IC = 10µA
30
V(BR)CEO
(2)
Collector-Emitter
Breakdown Voltage
IC = 10mA
20
V(BR)EBO
Emitter-Base Breakdown
Voltage
IE = 10µA
5
V
IC = 2mA
VCE = 5V
550
700
VBE
(2)
Base-Emitter Voltage
IC = 10mA
VCE = 5V
700
IC = 10mA
IB = 0.5mA
250
VCE(sat)
(2)
Collector-Emitter Saturation
Voltage
IC = 100mA
IB = 5mA
600
IC = 10mA
IB = 0.5mA
750
VBE(sat)
(2)
Base-Emitter Saturation
Voltage
IC = 100mA
IB = 5mA
900
mV
hFE
(2)
IC = 2mA
VCE = 5V
200
800
Forward-current transfer
ratio
IC = 10µA
VCE = 5V
40
DYNAMIC CHARACTERISTICS
IC = 10mA
VCE = 5V
fT
Transition Frequency
f = 100MHz
150
MHz
IC = 2mA
VCE = 5V
hfe
Small-Signal Current Gain
f = 1.0KHz
240
900
VCB = 10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
6
pF
VEB = 0.5V
IC = 0
Cibo
Input Capacitance
f = 1.0MHz
12
pF
Notes
Notes
Notes
Notes
(2)
Pulse Width ≤ 300us, δ ≤ 2%


Número de pieza similar - BC109DCSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC109 PHILIPS-BC109 Datasheet
49Kb / 8P
   NPN general purpose transistors
1997 Sep 03
logo
Seme LAB
BC109 SEME-LAB-BC109 Datasheet
14Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Siemens Semiconductor G...
BC109 SIEMENS-BC109 Datasheet
263Kb / 8P
   npn sisicon transistor
logo
NXP Semiconductors
BC109 PHILIPS-BC109 Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
logo
Micro Electronics
BC109 MICRO-ELECTRONICS-BC109 Datasheet
228Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Descripción similar - BC109DCSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com