Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS41L60CG-TR Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STPS41L60CG-TR
Descripción Electrónicos  Power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41L60CG-TR Datasheet(HTML) 7 Page - STMicroelectronics

  STPS41L60CG-TR Datasheet HTML 1Page - STMicroelectronics STPS41L60CG-TR Datasheet HTML 2Page - STMicroelectronics STPS41L60CG-TR Datasheet HTML 3Page - STMicroelectronics STPS41L60CG-TR Datasheet HTML 4Page - STMicroelectronics STPS41L60CG-TR Datasheet HTML 5Page - STMicroelectronics STPS41L60CG-TR Datasheet HTML 6Page - STMicroelectronics STPS41L60CG-TR Datasheet HTML 7Page - STMicroelectronics STPS41L60CG-TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STPS41L60C
Ordering information
7/8
3
Ordering information
4
Revision history
Type
Marking
Package
Weight
Base qty
Delivery
mode
STPS41L60CG
STPS41L60CG
D2PAK
1.48 g
50
Tube
STPS41L60CG-TR
STPS41L60CG
D2PAK
1.48 g
1000
Tape and reel
STPS41L60CT
STPS41L60CT
TO-220AB
2.20 g
50
Tube
STPS41L60CR
STPS41L60CR
I2PAK
1.49 g
50
Tube
Date
Revision
Description of Changes
July 2003
3A
Previous issue
10-Jan-2007
4
Reformated to current standards. Added ECOPACK statement
Removed IRRM and dV/dT from the Absolute ratings table on page 1.
Updated reverse leakage current values in Table 3 and Figure 7.
28-May-2007
5
Updated figures 1, 2, and 5 to 10.


Número de pieza similar - STPS41L60CG-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS41L60CG-TR STMICROELECTRONICS-STPS41L60CG-TR Datasheet
100Kb / 6P
   POWER SCHOTTKY RECTIFIER
More results

Descripción similar - STPS41L60CG-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com