Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA6324N Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA6324N
Descripción Electrónicos  High-Performance Quad Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6324N Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA6324N Datasheet HTML 1Page - Sanyo Semicon Device LA6324N Datasheet HTML 2Page - Sanyo Semicon Device LA6324N Datasheet HTML 3Page - Sanyo Semicon Device LA6324N Datasheet HTML 4Page - Sanyo Semicon Device LA6324N Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Operating Characteristics at Ta = 25°C, VCC =+5 V
Parameter
Symbol
Conditions
Test circuit
min
typ
max
Unit
Input offset voltage
VIO
1
±2
±7mV
Input offset current
IIO
IIN(+)/IIN(–)
2
±5
±50
nA
Input bias current
IB
IIN(+)/IIN(–)
3
45
250
nA
Common-mode input voltage
range
VICM
40
VCC – 1.5
V
Common-mode rejection ratio
CMR
4
65
80
dB
Voltage gain
VG
VCC =15V,RL ^ 2kΩ
5
25
100
V/mV
Output voltage range
VOUT
0VCC – 1.5
V
Supply voltage rejection ratio
SVR
6
65
100
dB
Channel separation
CS
f=1kto20kHz
7
120
dB
Current drain
ICC
8
0.6
2
mA
ICC
VCC =30V
8
1.5
3
mA
Output current (Source)
IO source
VIN
+ =1V,VIN=0V
9
20
40
mA
Output current (Sink)
IO sink
VIN
+ =0V,VIN= 1 V
10
10
20
mA
Equivalent Circuit
(1 unit)
Pin Assignment
(LA6324N, 6324NM)
Top view
LA6324N, 6324NM
No.2704-2/5


Número de pieza similar - LA6324N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
141Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N Datasheet
110Kb / 5P
   High-Performance Quad Operational Amplifier
logo
ON Semiconductor
LA6324N ONSEMI-LA6324N Datasheet
128Kb / 5P
   High-Performance Quad Operational Amplifier
August, 2013
logo
Sanyo Semicon Device
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324NM SANYO-LA6324NM Datasheet
141Kb / 5P
   High-Performance Quad Operational Amplifier
More results

Descripción similar - LA6324N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
   High-Performance Quad Operational Amplifier
logo
NXP Semiconductors
NE5514 PHILIPS-NE5514 Datasheet
54Kb / 3P
   Quad high-performance operational amplifier
August 31, 1994
logo
NEC
UPC3403 NEC-UPC3403 Datasheet
270Kb / 8P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
UPC4741 NEC-UPC4741 Datasheet
274Kb / 10P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER????
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N_12 Datasheet
110Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
   High-Performance Quad Operational Amplifier
logo
STMicroelectronics
LS404CN STMICROELECTRONICS-LS404CN Datasheet
265Kb / 11P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LA6324N ONSEMI-LA6324N Datasheet
128Kb / 5P
   High-Performance Quad Operational Amplifier
August, 2013
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274_08 Datasheet
158Kb / 14P
   High performance CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com