Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1242 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza 2SA1242
Descripción Electrónicos  Strobe Flash Applications Medium Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1242 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1242 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1242 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1242 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1242 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1242
2010-02-05
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Base-emitter voltage VBE (V)
VBE – IC
Collector-emitter voltage VCE (V)
Safe Operating Area
−10
−0.01
Common emitter
IC/IB = 40
Tc = 100°C
−0.05
−0.03
−0.1
−0.3
−1
−0.1
−0.3
−0.5
−1
−3
−25
25
−3
−10
−0.03
Common emitter
VCE = −2 V
10
−0.01
30
50
100
300
1000
−0.03
−0.1
−0.3
−1
Tc = 100°C
−25
25
−3
500
Common emitter
Tc = 25°C
0
0
−8
−2
IB = −10 mA
−4
−6
−2
−4
−6
−8
−10
−50
−70
−150
−120
−30
0
−20
−100
Common emitter
VCE = −2 V
0
0
−0.4
−0.8
−1.2
−1.6
−2.0
−8
−6
−4
−2
Tc = 100°C
−25
25
Ambient temperature Ta (°C)
PC – Ta
12
0
0
(1) Tc = Ta infinite heat sink
(2) Ceramic substrate
50 × 50 × 0.8 mm
(3) No heat sink
25
50
75
100
125
150
175
2
4
6
8
10
(1)
(2)
(3)
* : Single nonrepetitive pulse
Tc = 25°C
** : Pulse width = 10 ms (max)
Duty cycle = 30% (max)
Curves must be derated linearly
with increase in temperature.
−0.1
−0.3
IC max (continuous)
IC max (pulsed)**
DC operation
Tc = 25°C
VCEO max
−10
−30
−1
−3
−0.3
−0.5
−1
−3
−5
10 ms*
−10
100 ms*
1 ms*


Número de pieza similar - 2SA1242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA1242 TOSHIBA-2SA1242 Datasheet
150Kb / 3P
   TRANSISOTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1242 TOSHIBA-2SA1242 Datasheet
158Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
logo
Inchange Semiconductor ...
2SA1242 ISC-2SA1242 Datasheet
266Kb / 3P
   isc Silicon PNP Power Transistor
logo
Foshan Blue Rocket Elec...
2SA1242 FOSHAN-2SA1242 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
logo
Jiangsu Changjiang Elec...
2SA1242 JIANGSU-2SA1242 Datasheet
267Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
More results

Descripción similar - 2SA1242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
   STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com