Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA7386 Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza LA7386
Descripción Electrónicos  NTSC Video Signal Processing LSI for VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7386 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA7386 Datasheet HTML 4Page - Sanyo Semicon Device LA7386 Datasheet HTML 5Page - Sanyo Semicon Device LA7386 Datasheet HTML 6Page - Sanyo Semicon Device LA7386 Datasheet HTML 7Page - Sanyo Semicon Device LA7386 Datasheet HTML 8Page - Sanyo Semicon Device LA7386 Datasheet HTML 9Page - Sanyo Semicon Device LA7386 Datasheet HTML 10Page - Sanyo Semicon Device LA7386 Datasheet HTML 11Page - Sanyo Semicon Device LA7386 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
min
typ
max
Unit
SLD detection current 2
ISLD2
In PB mode, with S20: 3 and S19: off, input a
4 MHz 300 mVp-p continuous wave from T33A,
input a 50% white signal from T3A, and measure
the wave peak at T19A
ISLD2 = VOS2/1 kΩ
110
160
210
µA
4.2 V regulator operation
confirmation (1)
V42(R)
SW25
→ 1 measure T25 DC level REC mode
4.2
VDC
4.2 V regulator operation
confirmation (2)
V42(P1)
SW25
→ 1 measure T25 DC level PB mode
4.2
VDC
4.2 V regulator operation
confirmation (3)
V42(P2)
SW25
→ 2 measure T25 DC level PB mode
4.2
VDC
LA7386
No.5472 - 8/13


Número de pieza similar - LA7386

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7383 SANYO-LA7383 Datasheet
389Kb / 13P
   NTSC Video Signal Processing LSI for VCRs
More results

Descripción similar - LA7386

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7383 SANYO-LA7383 Datasheet
389Kb / 13P
   NTSC Video Signal Processing LSI for VCRs
logo
NEC
UPC1830 NEC-UPC1830 Datasheet
338Kb / 44P
   FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
logo
Panasonic Semiconductor
AN5601K PANASONIC-AN5601K Datasheet
314Kb / 10P
   COLOR SIGNAL, VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV
AN5367FB PANASONIC-AN5367FB Datasheet
249Kb / 22P
   NTSC video, chroma, and deflection signal processing circuit
MN662741RH PANASONIC-MN662741RH Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662724RPE PANASONIC-MN662724RPE Datasheet
42Kb / 7P
   Signal Processing LSI for CD Players
MN6163A PANASONIC-MN6163A Datasheet
535Kb / 9P
   CMOS LSI for Color Signal Processing
AN2492FH PANASONIC-AN2492FH Datasheet
236Kb / 23P
   Luminance and chrominance signal processing circuit for 8 mm video (NTSC)
logo
Samsung semiconductor
S5L9291 SAMSUNG-S5L9291 Datasheet
684Kb / 88P
   signal processing LSI for the CD
logo
Panasonic Semiconductor
MN662710RA PANASONIC-MN662710RA Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com