Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2982 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza 2SC2982
Descripción Electrónicos  Storobo Flash Applications Medium Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2982 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2982_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2982_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2982_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2982_04 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC2982
2004-07-07
3
Ambient temperature Ta (°C)
Safe Operating Area
Collector current IC (A)
Collector-emitter voltage VCE (V)
IC – VCE
VCE (sat) – IC
Collector-emitter voltage VCE (V)
Collector current IC (A)
hFE – IC
Base-emitter voltage VBE (V)
IC – VBE
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
IB = 5 mA
Common emitter
Ta
= 25°C
10
15
25
60
0
1000
500
300
100
50
30
0.01
0.03
0.1
0.3
10
1
3
10
Ta
= 100°C
−25
25
Common emitter
VCE = 1 V
2.0
0
0.4
0.8
1.2
1.6
Common emitter
VCE = 1 V
Ta
= 100°C
4.0
3.2
2.4
1.6
0.8
0
−25
25
1
0.01
0.03
0.1
0.3
0.5
0.3
0.1
0.05
0.03
0.01
1
3
10
Common emitter
IC/IB = 40
Ta
= 100°C
−25
25
PC – Ta
0
0
0.8
0.2
0.4
0.6
20
40
60
80
100
120
140
160
1.2
1.0
(1)
(2)
(1) Mounted on a ceramic substrate
(250 mm
2
× 0.8 t)
(2) No heat sink
1.4
5
0.01
0.1
0.5
10
3
1
0.3
0.1
1
0.3
3
30
10
100
DC operation
Ta
= 25°C
IC max (pulse)*
IC max (continuous)
100 ms*
10 ms*
*: Single nonrepetitive pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
Tested without a substrate.
VCEO max


Número de pieza similar - 2SC2982_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC2982-A KEXIN-2SC2982-A Datasheet
976Kb / 2P
   NPN Transistors
2SC2982-A-HF KEXIN-2SC2982-A-HF Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-B KEXIN-2SC2982-B Datasheet
976Kb / 2P
   NPN Transistors
2SC2982-B-HF KEXIN-2SC2982-B-HF Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-C KEXIN-2SC2982-C Datasheet
976Kb / 2P
   NPN Transistors
More results

Descripción similar - 2SC2982_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SC5765 TOSHIBA-2SC5765 Datasheet
106Kb / 4P
   MEDIUM POWER AMPLIFIER APPLICATIONS STOROBO FLASH APPLICATIONS
2SC2982 TOSHIBA-2SC2982 Datasheet
172Kb / 3P
   TRANSISTOR (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
SC3279 TOSHIBA-SC3279 Datasheet
150Kb / 2P
   NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3279 TOSHIBA-2SC3279 Datasheet
163Kb / 3P
   NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4781 TOSHIBA-2SC4781 Datasheet
92Kb / 1P
   NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3420 TOSHIBA-2SC3420 Datasheet
152Kb / 2P
   NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3670 TOSHIBA-2SC3670 Datasheet
156Kb / 2P
   NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM OWER AMPLIFIER APPLICATIONS)
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3671 TOSHIBA-2SC3671_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com