Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA7567N Datasheet(PDF) 9 Page - Sanyo Semicon Device

No. de pieza LA7567N
Descripción Electrónicos  TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7567N Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA7567N Datasheet HTML 5Page - Sanyo Semicon Device LA7567N Datasheet HTML 6Page - Sanyo Semicon Device LA7567N Datasheet HTML 7Page - Sanyo Semicon Device LA7567N Datasheet HTML 8Page - Sanyo Semicon Device LA7567N Datasheet HTML 9Page - Sanyo Semicon Device LA7567N Datasheet HTML 10Page - Sanyo Semicon Device LA7567N Datasheet HTML 11Page - Sanyo Semicon Device LA7567N Datasheet HTML 12Page - Sanyo Semicon Device LA7567N Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
No. 5765-9/14
LA7567N, 7567NM
Continued from preceding page.
Pin No.
Pin
Description
Equivalent circuit
6
7
8
EQ amp
• Equalizer circuit. This circuit is used to correct the video
signal frequency characteristics.
Pin 17 is the EQ amplifier input. This amplifier amplifies a
1.5-V p-p video signal to 2-V p-p.
• Notes on equalizer amplifier design
The equalizer amplifier is designed as a voltage follower
amplifier with a gain of about 2.3 dB. When used for
frequency characteristics correction, a capacitor, inductor,
and resistor must be connected in series between pin 7
and ground.
• Approach used in the equalizer amplifier
If vi is the input signal and vo is the output signal, then:
Where G is the voltage-follower amplifier gain.
Assume:
vin: Imaginary short
G: About 2.3 dB
vin
≈ 0.
Then:
• R1 is the IC internal resistance, and is 1 k
Ω. In the
application design, simply select Z to correspond to the
desired characteristics. However, since the EQ amplifier
gain will be maximum at the resonant point defined by Z,
care is required to assure that distortion does not occur.
9
APC FILTER
• PLL detector APC filter connection. The APC time constant
is switched internally in the IC. When locked, the VCO is
controlled by loop A and the loop gain is reduced. When
unlocked and during weak field reception, the VCO is
controlled by loop B and the loop gain is increased.
For this APC filter we recommend:
R = 150 to 390
C = 0.47 µF
R1
—— +1 (vi + vin) = Vo
× G
2
voG
R1
AV = —— = —— +1
vi
Z
Continued on next page.


Número de pieza similar - LA7567N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
More results

Descripción similar - LA7567N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7567EV SANYO-LA7567EV Datasheet
214Kb / 21P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
LA7567GM SANYO-LA7567GM Datasheet
185Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565B SANYO-LA7565B Datasheet
322Kb / 16P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com