Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA7567N Datasheet(PDF) 10 Page - Sanyo Semicon Device

No. de pieza LA7567N
Descripción Electrónicos  TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7567N Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA7567N Datasheet HTML 6Page - Sanyo Semicon Device LA7567N Datasheet HTML 7Page - Sanyo Semicon Device LA7567N Datasheet HTML 8Page - Sanyo Semicon Device LA7567N Datasheet HTML 9Page - Sanyo Semicon Device LA7567N Datasheet HTML 10Page - Sanyo Semicon Device LA7567N Datasheet HTML 11Page - Sanyo Semicon Device LA7567N Datasheet HTML 12Page - Sanyo Semicon Device LA7567N Datasheet HTML 13Page - Sanyo Semicon Device LA7567N Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
No. 5765-10/14
LA7567N, 7567NM
Continued from preceding page.
Pin No.
Pin
Description
Equivalent circuit
10
Composite video output
• Output for the video signal that includes the SIF carrier.
A resistor must be inserted between pin 10 and ground to
acquire adequate drive capability.
R
≥ 300 Ω
11
12
VCO tank
• VCO tank circuit used for video signal detection.
See the coil specifications provided separately for details
on the tank circuit. This VCO is a vector synthesis VCO.
13
AFT OUTPUT
• AFT output. The AFT center voltage is generated by an
external bleeder resistor. The AFT gain is increased by
increasing the resistance of this external bleeder resistor.
However, this resistor must not exceed 390 k
Ω.
This circuit includes a control function that controls the AFT
voltage to naturally approach the center voltage during
weak field reception.
14
RF AGC OUTPUT
• RF AGC output. This output controls the tuner RF AGC.
A protective 100-
Ω resistor is inserted in series with the
open collector output. Determine the external bleeder
resistor value in accordance with the specifications of the
tuner.
15
1st SIF INPUT
• First SIF input. A DC cut capacitor must be used in the
input circuit.
• If a SAW filter is used:
The first SIF sensitivity can be increased by inserting an
inductor between the SAW filter and the IC to neutralize the
SAW filter output capacitance and the IC input
capacitance.
• When used in an intercarrier system:
This pin (pin 15) may be left open.
Continued on next page.


Número de pieza similar - LA7567N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
More results

Descripción similar - LA7567N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7567EV SANYO-LA7567EV Datasheet
214Kb / 21P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
LA7567GM SANYO-LA7567GM Datasheet
185Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565B SANYO-LA7565B Datasheet
322Kb / 16P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com