Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA7846N Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA7846N
Descripción Electrónicos  Vertical Deflection Output Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7846N Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA7846N Datasheet HTML 1Page - Sanyo Semicon Device LA7846N Datasheet HTML 2Page - Sanyo Semicon Device LA7846N Datasheet HTML 3Page - Sanyo Semicon Device LA7846N Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Operating Characteristics at Ta=25 °C, VCC7=24 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Pump-up charge saturation
voltage
VS8-2
I8=20mA
1.8
V
Pump-up discharge saturation
voltage
VS7-8
I 8 = –1.5 A
3.7
V
Deflection output saturation
voltage (lower)
VS3-2
I 3 = 1.5 A
1.7
V
Deflection output saturation
voltage (upper)
VS4-3
I 3 = –1.5 A
3.9
V
Idling current
IDL
35
70
mA
Midpoint voltage
VMID
11.0
12.0
13.0
V
Block Diagram
Sample Application Circuit
(Single power supply)
LA7846N
No.5149-2/4


Número de pieza similar - LA7846N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7840 SANYO-LA7840 Datasheet
63Kb / 2P
   Vertical Output IC
LA7840 SANYO-LA7840_06 Datasheet
63Kb / 2P
   Vertical Output IC
LA7841 SANYO-LA7841 Datasheet
53Kb / 3P
   Vertical Deflection Output Circuit
LA7841 SANYO-LA7841 Datasheet
53Kb / 3P
   LA7841
More results

Descripción similar - LA7846N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
logo
Unisonic Technologies
T8172 UTC-T8172 Datasheet
170Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_12 Datasheet
186Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78041 UTC-T78041 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7875N SANYO-LA7875N Datasheet
40Kb / 4P
   Vertical Deflection Output Circuit
logo
STMicroelectronics
TDA9302H STMICROELECTRONICS-TDA9302H Datasheet
79Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Unisonic Technologies
T8172 UTC-T8172_15 Datasheet
176Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_15 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040 Datasheet
102Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com