Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA4070 Datasheet(PDF) 1 Page - Sanken electric

No. de pieza SLA4070
Descripción Electrónicos  PNP Darlington General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA4070 Datasheet(HTML) 1 Page - Sanken electric

  SLA4070 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
SLA4070
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
–10
µAVCB=–100V
IEBO
–10
mA
VEB=–6V
VCEO
–100
V
IC=–10mA
hFE
1000
5000
15000
VCE=–2V, IC=–3A
VCE(sat)
–1.0
–1.5
V
VBE(sat)
–1.6
–2.0
V
PT
W
IC=–3A, IB=–6mA
R1
R2
10
12
7
8
6
5
3
1
11
9
4
2
R1: 3k
Ω typ R2: 100Ω typ
–8
–6
0
–5
–4
–3
–2
–7
–1
0
–1
–2
–3
–4
–5
–2mA
–1.2mA
–0.8mA
–0.6mA
–0.4mA
IB= –4mA
VCE (V)
10000
5000
1000
500
100
–0.03
50
–0.5
–1
–5
–8
–0.1
typ
IC (A)
(VCE=–4V)
10000
5000
1000
500
100
–0.03
50
–0.5
–1
–5 –8
–0.1
25
°C
–30
°C
T
a=125
°C
75
°C
IC (A)
(VCE=–4V)
Ta= –30
°C
25
°C
75
°C
125
°C
–3
–0.3
–2
–1
0
–0.5
–1
–5
–8
IC (A)
(IC / IB=1000)
IC= –5A
IC= –3A
IC= –1A
–3
–0.3
–1
–5
–10
–50
–100 –200
–2
–1
IB (mA)
0
–8
–6
–4
–2
0
VBE (V)
0
–1
–2
–3
(VCE=–4V)
20
10
5
1
0.5
1
5
10
50 100
500 1000
PW (mS)
25
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
Without Heatsink
10
0
×
10
0
×
2
50×
50×
2
–5
–8
–1
–0.5
–0.1
VCE (V)
–0.03
–0.05
–3
–5
–10
–50
–100
Single Pulse
Without Heatsink
Ta=25
°C
PNP Darlington
General purpose
Absolute maximum ratings
Electrical characteristics
Specification
min
typ
max
sEquivalent circuit diagram
External dimensions
A • • • SLA (12-pin)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
–100
V
VCEO
–100
V
VEBO
–6V
IC
–5A
ICP
–8 (PW
≤1ms, Du≤50%)A
IB
–0.5
A
5 (Ta=25
°C)
25 (Tc=25
°C)
VISO
1000 (Between fin and lead pin, AC)Vrms
Tj
150
°C
Tstg
–40 to +150
°C
θj-c
5
°C/W


Número de pieza similar - SLA4070

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA4070 SANKEN-SLA4070 Datasheet
22Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070 Datasheet
36Kb / 1P
   PNP Darlington General purpose
More results

Descripción similar - SLA4070

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STA472A SANKEN-STA472A Datasheet
23Kb / 1P
   PNP Darlington General purpose
STA408A SANKEN-STA408A_06 Datasheet
37Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070 Datasheet
22Kb / 1P
   PNP Darlington General purpose
STA308A SANKEN-STA308A Datasheet
20Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070 Datasheet
36Kb / 1P
   PNP Darlington General purpose
SMA4020 SANKEN-SMA4020_01 Datasheet
35Kb / 1P
   PNP Darlington General purpose
SDA01 SANKEN-SDA01 Datasheet
20Kb / 1P
   PNP Darlington General purpose
SMA4030 SANKEN-SMA4030 Datasheet
22Kb / 1P
   PNP Darlington General purpose
STA402A SANKEN-STA402A Datasheet
21Kb / 1P
   PNP Darlington General purpose
STA472A SANKEN-STA472A_06 Datasheet
40Kb / 1P
   PNP Darlington General purpose
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com