Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA6851M Datasheet(PDF) 1 Page - Sanken electric

No. de pieza SMA6851M
Descripción Electrónicos  High Voltage 3-Phase Motor Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6851M Datasheet(HTML) 1 Page - Sanken electric

  SMA6851M Datasheet HTML 1Page - Sanken electric SMA6851M Datasheet HTML 2Page - Sanken electric SMA6851M Datasheet HTML 3Page - Sanken electric SMA6851M Datasheet HTML 4Page - Sanken electric SMA6851M Datasheet HTML 5Page - Sanken electric SMA6851M Datasheet HTML 6Page - Sanken electric SMA6851M Datasheet HTML 7Page - Sanken electric SMA6851M Datasheet HTML 8Page - Sanken electric SMA6851M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SMA6850M Series
Description
The SMA6850M inverter power module (IPM) series provides
a robust, highly-integrated solution for optimally controlling
3-phase motor power inverter systems and variable speed
control systems used in energy-conserving designs to drive
motors of residential and commercial appliances. These ICs
take 230 VAC input voltage, and up to 2.5 A (continuous)
output current. They can withstand voltages of up to 500 V
(MOSFET breakdown voltage).
The SMA6850M power package includes an IC with all of
the necessary power elements (six MOSFETs), pre-driver
ICs (two), and flyback diodes (six), needed to configure the
main circuit of an inverter. This enables the main circuit of
the inverter to be configured with fewer external components
than traditional designs.
Applications include residential white goods (home
applications) and commercial appliance motor control:
• Air conditioner fan
• Small ventilation fan
• Dishwasher pump
Features and Benefits
▪ Built-in pre-drive IC
▪ MOSFET power element
▪ CMOS compatible input (5 V)
▪ High-side gate driver using bootstrap circuit or floating
power supply
▪ Built-in protection circuit for controlling power supply
voltage drop
▪ Built-in overtemperature detection circuit (TD)
▪ Output of fault signal during operation of protection
circuits
▪ Output current 1.5, 2, and 2.5 A
▪ Small SIP (SMA 24-pin)
High Voltage 3-Phase Motor Drivers
Functional Block Diagram
High Side
Level Shift Driver
Low Side
Driver
UVLO
UVLO
UVLO
UVLO
Input
Logic
Input
Logic
UVLO
Thermal
Detect
7.5V
Reg.
VCC1
VB 1
VB 2
VB3
VBB 1
VBB 2
U
V
W1
W2
LS1
LS
LS
2
3
FO
COM2
LIN3
LIN2
LIN1
VREG
VCC2
COM1
HIN3
HIN2
HIN1
Figure 1. Driver block diagram
Packages: Power SIP
Leadform
2452
Not to scale
Leadform
2451
28610.20


Número de pieza similar - SMA6851M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA6851M SANKEN-SMA6851M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
More results

Descripción similar - SMA6851M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com