Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA6853M Datasheet(PDF) 8 Page - Sanken electric

No. de pieza SMA6853M
Descripción Electrónicos  High Voltage 3-Phase Motor Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6853M Datasheet(HTML) 8 Page - Sanken electric

Back Button SMA6853M Datasheet HTML 4Page - Sanken electric SMA6853M Datasheet HTML 5Page - Sanken electric SMA6853M Datasheet HTML 6Page - Sanken electric SMA6853M Datasheet HTML 7Page - Sanken electric SMA6853M Datasheet HTML 8Page - Sanken electric SMA6853M Datasheet HTML 9Page - Sanken electric SMA6853M Datasheet HTML 10Page - Sanken electric SMA6853M Datasheet HTML 11Page - Sanken electric SMA6853M Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
High Voltage 3-Phase Motor Drivers
SMA6850M
Series
8
13579
11
13
15
17
19
21
23
2
4
6
8
10
12
14
16
18
20
22
24
Chamfer Side
Leadform 2452
Leadform 2451
Chamfer on Opposite Side
13579
11
13
15
17
19
21
23
2
4
6
8
10
12
14
16
18
20
22
24
Terminal List Table
Number
Name
Function
1
VB1
High side bootstrap terminal (U phase)
2
VB2
High side bootstrap terminal (V phase)
3
VB3
High side bootstrap terminal (W phase)
4
VCC1
High side logic supply voltage
5
COM1
High side logic GND terminal
6
HIN3
High side input terminal (W phase)
7
HIN2
High side input terminal (V phase)
8
HIN1
High side input terminal (U phase)
9
VBB1
Main supply voltage 1 (connect to VBB2 externally)
10
VBB2
Main supply voltage 2 (connect to VBB1 externally)
11
W1
Output of W phase (connect to W2 externally)
12
V
Output of V phase
13
LS2
Source terminal of V phase
14
W2
Output of W phase (connect to W1 externally)
15
LS3
Source terminal of W phase
16
VREG
Internal regulator output terminal
17
LS1
Source terminal of U phase
18
LIN3
Low side input terminal (W phase)
19
LIN2
Low side input terminal (V phase)
20
LIN1
Low side input terminal (U phase)
21
COM2
Low side GND terminal
22
FO
Overtemperature detection fault-signal output terminal
23
VCC2
Low side logic supply voltage
24
U
Output of U phase
Pin-out Diagrams
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Número de pieza similar - SMA6853M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6853MX SANKEN-SMA6853MX Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
More results

Descripción similar - SMA6853M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com