Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STR-X6769B Datasheet(PDF) 2 Page - Sanken electric

No. de pieza STR-X6769B
Descripción Electrónicos  Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-X6769B Datasheet(HTML) 2 Page - Sanken electric

  STR-X6769B Datasheet HTML 1Page - Sanken electric STR-X6769B Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SANKEN ELECTRIC CO.,LTD.
Warning
The contents in this document are subject to changes, for improvement and other purposes, without notice.
Make sure that this is the latest version of the document before use.
The operation and circuit examples in this document are provided for reference purposes only. Sanken assumes no liability for violation of industrial property, intellectual property, or other rights of
Sanken or third parties, that stem from these examples.
The user must take responsibility for considering and determining which objects the products in this document are used with.
Although Sanken will continue to improve the quality and reliability of its products,
semiconductor products, by their nature, have certain fault and failure rates. The user must take responsibility for designing and checking to secure the device and system so that a part failure may not lead
to human injury, fire, damages, or other losses.
The contents in this document must not be transcribed or copied without Sanken’s written consent.
Typical Application Circuit
Typical Operation Waveforms
Transitions between Bottom-Skip QR Operation and Quasi-Resonant Operation
C
CC
Co
oo
on
nn
nt
tt
t.
4
44
4
5
55
5
6
66
6
7
77
7
1
11
1
3
33
3
2
22
2
F
FF
FB
BB
B
G
GG
GN
NN
ND
DD
D
D
DD
D
V
VV
Vc
cc
cc
cc
c
S
SS
SS
SS
S/
//
/O
OO
OL
LL
LP
PP
P
O
OO
OC
CC
CP
PP
P/
//
/B
BB
BD
DD
D
S
SS
S
S
SS
ST
TT
TR
RR
R-
--
-X
XX
X6
66
67
77
70
00
00
00
0
R
RR
Re
ee
eg
gg
g:
: L
LL
Li
ii
in
nn
ne
ee
ea
aa
ar
rr
r R
RR
Re
ee
eg
gg
gu
uu
ul
ll
la
aa
at
tt
to
oo
or
rr
r I
II
IC
CC
C f
ff
fr
rr
ro
oo
om
mm
m S
SS
Sa
aa
an
nn
nk
kk
ke
ee
en
nn
n,
,,
, O
OO
Ot
tt
th
hh
he
ee
er
rr
rs
ss
s
E
EE
Er
rr
rr
rr
rA
AA
Am
mm
mp
pp
p
R
RR
Re
ee
eg
gg
g
+
++
+B
BB
B
G
GG
GN
NN
ND
DD
D
S
SS
St
tt
ta
aa
an
nn
nd
dd
db
bb
by
yy
y
L
LL
Lo
oo
ow
ww
w B
BB
B
S
SS
St
tt
ta
aa
an
nn
nd
dd
db
bb
by
yy
y
G
GG
GN
NN
ND
DD
D
V
VV
VOOOOUUUUTTTT
O
OO
ON
NN
N/
//
/O
OO
OF
FF
FF
FF
F S
SS
Si
ii
ig
gg
gn
nn
na
aa
al
ll
l
U
UU
UV
VV
VL
LL
LO
OO
O I
II
In
nn
nt
tt
te
ee
er
rr
rm
mm
mi
ii
it
tt
tt
tt
te
ee
en
nn
nt
tt
t O
OO
Os
ss
sc
cc
ci
ii
il
ll
ll
ll
la
aa
at
tt
ti
ii
io
oo
on
nn
n C
CC
Ci
ii
ir
rr
rc
cc
cu
uu
ui
ii
it
tt
t E
EE
Ex
xx
xa
aa
am
mm
mp
pp
pl
ll
le
ee
e
V
VV
VA
AA
AC
CC
C
VDS
ID
1 Bottom
1 Bottom
1 Bottom
1 Bottom-
--
-Skip
Skip
Skip
Skip QR
QR
QR
QR
QR
Load Change
Light
Heavy
0
20
40
60
80
100
120
140
0
50
100
150
200
250
Vin(AC) = 240V
1Skip
0
20
40
60
80
100
120
140
0
50
100
150
200
250
Vin(AC) = 100V
QR
1Skip
0
20
40
60
80
100
120
140
0
50
100
150
200
250
Vin(AC) = 240V
1Skip
0
20
40
60
80
100
120
140
0
50
100
150
200
250
Vin(AC) = 100V
QR
1Skip
STR-X6700 Input Power- Frequency
Input Power PIN (W)
Input Power PIN (W)
100VAC
240VAC


Número de pieza similar - STR-X6769B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-X6769 SANKEN-STR-X6769 Datasheet
409Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results

Descripción similar - STR-X6769B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR-Y6400 SANKEN-STR-Y6400 Datasheet
239Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-W6700 SANKEN-STR-W6700 Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-L400 SANKEN-STR-L400 Datasheet
71Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency, Low Noise
STR-L6400 SANKEN-STR-L6400 Datasheet
85Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency, Low Noise
STR-L6472 SANKEN-STR-L6472 Datasheet
85Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply
STR-L451 SANKEN-STR-L451 Datasheet
72Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply
STR-Y6700 SANKEN-STR-Y6700 Datasheet
189Kb / 2P
   Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
logo
Sanyo Semicon Device
TN6Q04 SANYO-TN6Q04 Datasheet
40Kb / 4P
   ExPD (Excellent Power Device) Quasi-Resonant Switching Power Supply ExPD
logo
Sanken electric
SSC9510 SANKEN-SSC9510 Datasheet
124Kb / 2P
   Controller IC for Current Resonant Type Switching Power Supply with Half-Bridge Resonance
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com