Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF2006 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza UF2006
Descripción Electrónicos  2.0A ULTRA-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF2006 Datasheet(HTML) 3 Page - Diodes Incorporated

  UF2006 Datasheet HTML 1Page - Diodes Incorporated UF2006 Datasheet HTML 2Page - Diodes Incorporated UF2006 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS25007 Rev. 4 - 2
3 of 3
www.diodes.com
UF2001 - UF2007
© Diodes Incorporated
Ordering Information (Note 6)
Device
Packaging
Shipping
UF2001-T
DO-15
4K/Tape & Reel, 13-inch
UF2002-T
DO-15
4K/Tape & Reel, 13-inch
UF2003-T
DO-15
4K/Tape & Reel, 13-inch
UF2004-T
DO-15
4K/Tape & Reel, 13-inch
UF2005-T
DO-15
4K/Tape & Reel, 13-inch
UF2006-T
DO-15
4K/Tape & Reel, 13-inch
UF2007-T
DO-15
4K/Tape & Reel, 13-inch
Notes:
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02007.pdf.
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.


Número de pieza similar - UF2006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
UF2006 DIODES-UF2006 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
logo
HY ELECTRONIC CORP.
UF2006 HY-UF2006 Datasheet
413Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
logo
Diodes Incorporated
UF2006 DIODES-UF2006 Datasheet
95Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
SAMYANG ELECTRONICS CO....
UF2006 SAMYANG-UF2006 Datasheet
499Kb / 2P
   ULTRA FAST RECTIFIER
logo
Compact Technology Corp...
UF2006 CTC-UF2006 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Descripción similar - UF2006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Yixinwei Techn...
UF2001 YIXIN-UF2001 Datasheet
209Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF2001 DIODES-UF2001_1 Datasheet
95Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
Gaomi Xinghe Electronic...
UF2001 GXELECTRONICS-UF2001 Datasheet
207Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UF2001 LUGUANG-UF2001_17 Datasheet
1Mb / 2P
   2.0A Ultra-fast Rectifier
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
UF2001 DIODES-UF2001_15 Datasheet
105Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UF2001 LUGUANG-UF2001 Datasheet
1Mb / 2P
   2.0A Ultra-fast Rectifier
logo
TAITRON Components Inco...
TUF201 TAITRON-TUF201 Datasheet
137Kb / 4P
   2.0A Ultra Fast Recovery Rectifier
logo
Gaomi Xinghe Electronic...
US2ABF GXELECTRONICS-US2ABF Datasheet
630Kb / 2P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
US2JDF DIODES-US2JDF_15 Datasheet
499Kb / 5P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com