Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF1505S-B Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza UF1505S-B
Descripción Electrónicos  1.5A ULTRA-FAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF1505S-B Datasheet(HTML) 1 Page - Diodes Incorporated

  UF1505S-B Datasheet HTML 1Page - Diodes Incorporated UF1505S-B Datasheet HTML 2Page - Diodes Incorporated UF1505S-B Datasheet HTML 3Page - Diodes Incorporated UF1505S-B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UF1501/S - UF1507/S
Document number: DS25006 Rev. 5 - 2
1 of 4
www.diodes.com
December 2010
© Diodes Incorporated
UF1501/S - UF1507/S
1.5A ULTRA-FAST RECTIFIER
Features and Benefits
Diffused Junction
Ultra-Fast Switching for High Efficiency
Surge Overload Rating to 50A Peak
Low Reverse Leakage Current
Lead Free Finish, RoHS Compliant (Note 1)
Mechanical Data
Case: DO-41, DO-15
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
⎯ Tin. Plated Leads Solderable per MIL-STD-
202, Method 208
Polarity: Cathode Band
Marking: Type Number
DO-41 Weight: 0.35 grams (approximate)
DO-15 Weight: 0.40 grams (approximate)
Ordering Information (Note 2)
Device
Packaging
Shipping
UF1501-B
DO-15
1K/Bulk
UF1501-T
DO-15
5K/Tape & Reel, 13-inch
UF1502-B
DO-15
1K/Bulk
UF1502-T
DO-15
5K/Tape & Reel, 13-inch
UF1503-B
DO-15
1K/Bulk
UF1503-T
DO-15
5K/Tape & Reel, 13-inch
UF1504-B
DO-15
1K/Bulk
UF1504-T
DO-15
5K/Tape & Reel, 13-inch
UF1505-B
DO-15
1K/Bulk
UF1505-T
DO-15
5K/Tape & Reel, 13-inch
UF1506-B
DO-15
1K/Bulk
UF1506-T
DO-15
5K/Tape & Reel, 13-inch
UF1507-B
DO-15
1K/Bulk
UF1507-T
DO-15
5K/Tape & Reel, 13-inch
UF1501S-B
DO-41
1K/Bulk
UF1501S-T
DO-41
5K/Tape & Reel, 13-inch
UF1502S-B
DO-41
1K/Bulk
UF1502S-T
DO-41
5K/Tape & Reel, 13-inch
UF1503S-B
DO-41
1K/Bulk
UF1503S-T
DO-41
5K/Tape & Reel, 13-inch
UF1504S-B
DO-41
1K/Bulk
UF1504S-T
DO-41
5K/Tape & Reel, 13-inch
UF1505S-B
DO-41
1K/Bulk
UF1505S-T
DO-41
5K/Tape & Reel, 13-inch
UF1506S-B
DO-41
1K/Bulk
UF1506S-T
DO-41
5K/Tape & Reel, 13-inch
UF1507S-B
DO-41
1K/Bulk
UF1507S-T
DO-41
5K/Tape & Reel, 13-inch
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02007.pdf.


Número de pieza similar - UF1505S-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
UF1505S DIODES-UF1505S Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
More results

Descripción similar - UF1505S-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
UF1501 DIODES-UF1501 Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
UF1501S DIODES-UF1501S_15 Datasheet
130Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
UF1501 DIODES-UF1501_1 Datasheet
369Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. 4 - 2
logo
TAITRON Components Inco...
TUF151 TAITRON-TUF151 Datasheet
137Kb / 4P
   1.5A Ultra Fast Recovery Rectifier
logo
Frontier Electronics.
HER151 FRONTIER-HER151 Datasheet
129Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
HER151-LFR FRONTIER-HER151-LFR Datasheet
128Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
HER151G FRONTIER-HER151G Datasheet
1,006Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
   1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com